Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY9CMF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY9CMF
Description  METALIZED DIY KIT, DB9 M/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY9CMF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY9CMF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIN 1
.65
16.5
1.30
33.0
.98
25.0
LABEL AREA
2.08
52.9
.39
10.0
62.4
2.46
35.0
1.38
.63
16.0
PIN 1
.41
10.4
1.22
31.0
°
METALIZED DIY KIT, DB9 M/F
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
FRACTIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
DIY9CMF
OVERALL CABLE LENGTH TOLERANCE:
A
1
CBRAN
B
06/10/2010
REVISIONS
DESCRIPTION
APPROVED
REV
1
06/10/2010
INITIAL RELEASE
8
06/10/2010
DATE
B
ECN 10590: REVISED 3D MODEL AND DRAWING
08/11/2020 BGATES
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
MAY OCCUR
CAGE CODE
D-SUBMINIATURE
CAD FILE:
DFRISIELLO
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
06/10/2010
COLOR VARIATIONS
CONFIGURATION DETAILS OF
50 High Street, West Mill,
Phone: 1.800.341.5266
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
>120 [3048] ≤300 [7620] = +6 [152] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
DFRISIELLO
DIY9CMF.SLDDRW
ANGLES ± 1
± 1/32
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
WITH SOLDER CUPS
DB9 FEMALE
"J1"
CONNECTOR
"P1"
DB9 MALE
CONNECTOR
WITH SOLDER CUPS
NOTES:
1. ENCLOSURE IS METALIZED CONDUCTIVE CHROME PLATED
INSIDE AND OUTSIDE.
2. COVER HALVES SNAP TOGETHER TO RETAIN CONNECTORS
AND CAPTIVE HARDWARE.
3. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
4. COMPONENT ASSEMBLY IS SHIPPED UN-ASSEMBLED.
5. JUMPER WIRES ARE SUPPLIED SEPERATELY.
6. COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
B
B
HEX STANDOFF
2X, 4-40 UNC-2B
4X, 4-40 UNC-2A
SCREW


Similar Part No. - DIY9CMF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY9FF L-COM-DIY9FF Datasheet
80Kb / 1P
ADPT, KIT UNWIRED DB9F/F
07/08/2011
DIY9MF L-COM-DIY9MF Datasheet
71Kb / 1P
ADAPTER, KIT UNWIRED DB9M/F
08/18/2011
DIY9MM L-COM-DIY9MM Datasheet
71Kb / 1P
ADPT, KIT UNWIRED DB9M/M
10/03/2012
More results

Similar Description - DIY9CMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZ800ED-DIY ETC-FZ800ED-DIY Datasheet
75Kb / 1P
DIY
logo
Tripp Lite. All Rights ...
B090A9M TRIPPLITE-B090A9M Datasheet
493Kb / 2P
Modular Serial Adapter (DB9 M to RJ45 F)
P520006 TRIPPLITE-P520006 Datasheet
467Kb / 2P
Serial DB9 Serial Extension Cable, Straight Through (DB9 M-F), 6-ft
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
P450010 TRIPPLITE-P450010 Datasheet
489Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 10-ft
P454006 TRIPPLITE-P454006 Datasheet
473Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 M-F), 6-ft
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
P450-010 TRIPPLITE-P450-010 Datasheet
162Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
P520-006 TRIPPLITE-P520-006 Datasheet
171Kb / 2P
Serial DB9 Serial Extension Cable, Straight Through (DB9 M/F), 6-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com