Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY9FF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY9FF
Description  ADPT, KIT UNWIRED DB9F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY9FF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY9FF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONNECTOR
WITH SOLDER CUPS
2X DB9 FEMALE
NOTES:
1. ENCLOSURE IS ABS PLASTIC COLOR: DARK GRAY.
2. COVER HALVES SNAP TOGETHER TO RETAIN CONNECTORS
AND CAPTIVE HARDWARE.
3. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
4. COMPONENT ASSEMBLY IS SHIPPED UN-ASSEMBLED.
5. JUMPER WIRES ARE SUPPLIED SEPARATELY.
6. COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
B
B
°
07/08/2011
CAD FILE:
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
± 1/32
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
D.PARHAM
B
MAY OCCUR
DIY9FF
1
OVERALL CABLE LENGTH TOLERANCE:
07/08/2011
REVISIONS
DESCRIPTION
APPROVED
REV
8
B
07/08/2011
S.SMITH
ADPT, KIT UNWIRED DB9F/F
A
INITIAL RELEASE
08/06/2020
DATE
BGATES
CATEGORY
PRODUCT DESCRIPTION
FRACTIONS
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
ECN 10590: REVISED 3D MODEL AND DRAWING
1
D-SUBMINIATURE
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
07/08/2011
D.CASTRO
DIMENSIONS ARE IN INCHES [mm]
THIRD-ANGLE PROJECTION
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
Phone: 1.800.341.5266
50 High Street, West Mill,
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
CAGE CODE
DIY9FF.SLDDRW
ANGLES ± 1
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
4X, 4-40 UNC-2A
SCREW
4X 4-40 UNC-2B
HEX STANDOFF
PIN 1
.41
10.4
1.22
31.0
PIN 1
.65
16.5
25.0
.98
1.30
33.0
LABEL AREA
.63
16.0
.39
10.0
62.1
2.44
2.08
52.9
1.38
35.0


Similar Part No. - DIY9FF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY9CMF L-COM-DIY9CMF Datasheet
72Kb / 1P
METALIZED DIY KIT, DB9 M/F
06/10/2010
DIY9MF L-COM-DIY9MF Datasheet
71Kb / 1P
ADAPTER, KIT UNWIRED DB9M/F
08/18/2011
DIY9MM L-COM-DIY9MM Datasheet
71Kb / 1P
ADPT, KIT UNWIRED DB9M/M
10/03/2012
More results

Similar Description - DIY9FF

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com