Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY9MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY9MF
Description  ADAPTER, KIT UNWIRED DB9M/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY9MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY9MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WITH SOLDER CUPS
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
6. COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
CONNECTOR
DB9 MALE
4. COMPONENT ASSEMBLY IS SHIPPED UN-ASSEMBLED.
5. JUMPER WIRES ARE SUPPLIED SEPARATELY.
DB9 FEMALE
CONNECTOR
WITH SOLDER CUPS
NOTES:
1. ENCLOSURE IS ABS PLASTIC COLOR: DARK GRAY.
2. COVER HALVES SNAP TOGETHER TO RETAIN CONNECTORS
AND CAPTIVE HARDWARE.
3. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
B
PIN 1
16.5
.65
25.0
.98
1.30
33.0
°
08/18/2011
UNLESS OTHERWISE SPECIFIED,
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
± 1/32
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
08/18/2011
08/18/2011
DIY9MF
B
1
8
08/18/2011
REVISIONS
DESCRIPTION
APPROVED
REV
02/09/2021
DATE
OVERALL CABLE LENGTH TOLERANCE:
B
1
A
INITIAL RELEASE
D.PARHAM
ECN 10981: REVISED 3D MODEL AND DRAWING
BGATES
CATEGORY
PRODUCT DESCRIPTION
FRACTIONS
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
CAD FILE:
CAGE CODE
D-SUBMINIATURE
MAY OCCUR
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
ADAPTER, KIT UNWIRED DB9M/F
DFRISIELLO
DIMENSIONS ARE IN INCHES [mm]
THIRD-ANGLE PROJECTION
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
Phone: 1.800.341.5266
50 High Street, West Mill,
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
DFRISIELLO
DIY9MF.SLDDRW
ANGLES ± 1
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
SCREW
4X, 4-40 UNC-2A
HEX STANDOFF
2X, 4-40 UNC-2B
LABEL AREA
52.9
2.08
35.0
1.38
2.46
62.4
PIN 1
.41
10.4
1.22
31.0


Similar Part No. - DIY9MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY9MM L-COM-DIY9MM Datasheet
71Kb / 1P
ADPT, KIT UNWIRED DB9M/M
10/03/2012
More results

Similar Description - DIY9MF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6882 POMONA-6882 Datasheet
76Kb / 1P
RCA (F/M/F) Adapter
72931 POMONA-72931 Datasheet
421Kb / 2P
SMA Adapter Kit
logo
Vitesse Semiconductor C...
SD759-6 VITESSE-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC,F-F
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
SD1209-13 WINCHESTER-SD1209-13 Datasheet
61Kb / 1P
ADAPTER, F-F, N
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKN-99-34 WINCHESTER-SDKN-99-34 Datasheet
92Kb / 1P
N BULKHEAD ADAPTER F-F
KN-99-34 WINCHESTER-KN-99-34 Datasheet
36Kb / 1P
N BULKHEAD ADAPTER F-F
logo
Advantech Co., Ltd.
31D1-28100 ADVANTECH-31D1-28100 Datasheet
425Kb / 1P
Mini DB9M to DB9M Null Modem Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com