Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY9MM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY9MM
Description  ADPT, KIT UNWIRED DB9M/M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY9MM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY9MM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
°
ADPT, KIT UNWIRED DB9M/M
10/03/2012
CAD FILE:
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
ANGLES ± 1
D.DESJARDIN
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
BGATES
A
8
B
1
DIY9MM
10/03/2012
REVISIONS
DESCRIPTION
APPROVED
REV
OVERALL CABLE LENGTH TOLERANCE:
1
DATE
10/03/2012
10/03/2012
B
INITIAL RELEASE
ECN 10981: REVISE 3D MODEL AND DRAWING
DFRISIELLO
BGATES
CATEGORY
± 1/32
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
02/09/2021
CAGE CODE
D-SUBMINIATURE
FRACTIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
ALL OTHER DIMENSIONAL TOLERANCES:
50 High Street, West Mill,
Phone: 1.800.341.5266
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
>60 [1524] ≤120 [3048] = +4 [102] / -0
THIRD-ANGLE PROJECTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
MAY OCCUR
DIY9MM.SLDDRW
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
NOTES:
1. ENCLOSURE IS ABS PLASTIC COLOR: DARK GRAY.
2. COVER HALVES SNAP TOGETHER TO RETAIN CONNECTORS
AND CAPTIVE HARDWARE.
3. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
4. COMPONENT ASSEMBLY IS SHIPPED UN-ASSEMBLED.
5. JUMPER WIRES ARE SUPPLIED SEPARATELY.
6. COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
PIN 1
25.0
.98
.65
16.5
1.30
33.0
PIN 1
2X, DB9 MALE
CONNECTOR
WITH SOLDER CUPS
10.4
.41
1.22
31.0
LABEL AREA
4X 4-40 UNC-2A
SCREW
52.9
2.08
1.38
35.0
2.47
62.8


Similar Part No. - DIY9MM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY9MF L-COM-DIY9MF Datasheet
71Kb / 1P
ADAPTER, KIT UNWIRED DB9M/F
08/18/2011
More results

Similar Description - DIY9MM

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-4-15-MA9 WINCHESTER-SD879-4-15-MA9 Datasheet
47Kb / 1P
ADPT, BNC TO SMA, M-F
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD1209-75-5 WINCHESTER-SD1209-75-5 Datasheet
47Kb / 1P
ADPT, ANG, BNC-N, M-F
SD1709-1 WINCHESTER-SD1709-1 Datasheet
45Kb / 1P
ADPT M-M, BKHD, SHV
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Advantech Co., Ltd.
31D1-28100 ADVANTECH-31D1-28100 Datasheet
425Kb / 1P
Mini DB9M to DB9M Null Modem Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com