Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIYM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIYM
Description  ADPT CASE, SHLD 3"x3"x1" PAIR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIYM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIYM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.0
76.2
3.0
76.2
1.0
25.4
NOTES:
1. MATERIAL: HEAVY GAUGE STEEL, BEIGE
2. (8) ASSEMBLY SCREWS PROVIDED
3. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DIYM
A
DIYM.SLDDRW
1
1
D. FRISIELLO
10/2/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D. PARHAM
10/2/12
10/2/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT CASE, SHLD 3"x3"x1" PAIR
D-SUBMINIATURE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. DESJARDIN
COLOR VARIATIONS
MAY OCCUR
10/1/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DIYM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIYM25F L-COM-DIYM25F Datasheet
55Kb / 1P
ADPT END CAP, DB25F SHLD
10/11/12
DIYM9F L-COM-DIYM9F Datasheet
66Kb / 1P
ADPT END CAP, DB9F SHLD
3/29/12
DIYM9F2 L-COM-DIYM9F2 Datasheet
386Kb / 2P
End Cap with 2 DB9F, Solder Type
DIYMB L-COM-DIYMB Datasheet
45Kb / 1P
ADPT END CAP, BLANK SHLD
8/14/12
More results

Similar Description - DIYM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-662+ MINI-RMK-3-662+ Datasheet
217Kb / 1P
X3 Frequency Multiplier
RMK-3-812+ MINI-RMK-3-812+ Datasheet
221Kb / 1P
X3 Frequency Multiplier
RMK-3-93 MINI-RMK-3-93 Datasheet
403Kb / 2P
X3 Frequency Multiplier
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD1209-75-5 WINCHESTER-SD1209-75-5 Datasheet
47Kb / 1P
ADPT, ANG, BNC-N, M-F
SD1709-1 WINCHESTER-SD1709-1 Datasheet
45Kb / 1P
ADPT M-M, BKHD, SHV
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Wurth Elektronik GmbH &...
64403160111000 WURTH-64403160111000 Datasheet
233Kb / 4P
WR-ADPT Coax Adaptor
001.000
logo
Mini-Circuits
CY3-453-D+ MINI-CY3-453-D+ Datasheet
594Kb / 9P
X3 Frequency Multiplier
REV. OR
CY3-64-D+ MINI-CY3-64-D+ Datasheet
560Kb / 9P
X3 Frequency Multiplier
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com