Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN83C185 Datasheet(PDF) 61 Page - SMSC Corporation

Part # LAN83C185
Description  High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 61 Page - SMSC Corporation

Back Button LAN83C185_03 Datasheet HTML 57Page - SMSC Corporation LAN83C185_03 Datasheet HTML 58Page - SMSC Corporation LAN83C185_03 Datasheet HTML 59Page - SMSC Corporation LAN83C185_03 Datasheet HTML 60Page - SMSC Corporation LAN83C185_03 Datasheet HTML 61Page - SMSC Corporation LAN83C185_03 Datasheet HTML 62Page - SMSC Corporation LAN83C185_03 Datasheet HTML 63Page - SMSC Corporation LAN83C185_03 Datasheet HTML 64Page - SMSC Corporation LAN83C185_03 Datasheet HTML 65Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
SMSC LAN83C185
53
Rev. 0.6 (12-12-03)
DATASHEET
6.5.3
DC Characteristics - Input and Output Buffers
Table 6.3 MII BUS INTERFACE SIGNALS
PIN NO.
NAME
BUFFER TYPE
VIH
VIL
IOH
IOL
VOL
VOH
41
TXD0
INBUFD2
+2.0 V
+0.8 V
42
TXD1
INBUFD2
+2.0 V
+0.8 V
44
TXD2
INBUFD2
+2.0 V
+0.8 V
45
TXD3
INBUFD2
+2.0 V
+0.8 V
37
TX_ER/TXD4
INBUFD2
+2.0 V
+0.8 V
39
TX_EN
INBUFD2
+2.0 V
+0.8 V
38
TX_CLK
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
32
RXD0
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
31
RXD1
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
30
RXD2
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
29
RXD3
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
35
RX_ER/RXD4
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
33
RX_DV
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
34
RX_CLK
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
48
CRS
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
47
COL
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V
27
MDC
INBUFD2
+2.0 V
+0.8 V
26
MDIO
BPL8H8
-8 mA
+8 mA
+0.4 V
VDD –
+0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com