Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BHC-APR Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # BHC-APR
Description  Chip LED with Inner Lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BHC-APR Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  BHC-APR Datasheet HTML 1Page - Everlight Electronics Co., Ltd BHC-APR Datasheet HTML 2Page - Everlight Electronics Co., Ltd BHC-APR Datasheet HTML 3Page - Everlight Electronics Co., Ltd BHC-APR Datasheet HTML 4Page - Everlight Electronics Co., Ltd BHC-APR Datasheet HTML 5Page - Everlight Electronics Co., Ltd BHC-APR Datasheet HTML 6Page - Everlight Electronics Co., Ltd BHC-APR Datasheet HTML 7Page - Everlight Electronics Co., Ltd BHC-APR Datasheet HTML 8Page - Everlight Electronics Co., Ltd BHC-APR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 10
Device No.: SZDSE-251-B01
Prepared date: 3-Mar.-2005
Prepared by: Mao-Jinru
Technical Data Sheet
Reverse Package Chip LED with Inner Lens
25-21/BHC-APR/2A
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
Descriptions
․The 25-21 SMD Taping is much smaller
than lead frame type components, thus it
enables smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications, etc.
Applications
․Automotive: backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Lens Color
25-21/BHC-APR/2A
InGaN
Blue
Water Clear


Similar Part No. - BHC-APR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-AN1P2 EVERLIGHT-BHC-AN1P2 Datasheet
149Kb / 10P
Chip LEDs
BHC-AN1P2-3T EVERLIGHT-BHC-AN1P2-3T Datasheet
160Kb / 10P
Chip LED(0.8mm Herght)
BHC-AS1T2 EVERLIGHT-BHC-AS1T2 Datasheet
167Kb / 7P
Side View LEDs
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
1.8mm round Subminiature Chip LED
More results

Similar Description - BHC-APR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
Chip Infrared LED With Inner Lens
07-20-2005
25-21-T1D-ANQHY EVERLIGHT-25-21-T1D-ANQHY Datasheet
158Kb / 11P
Chip LED with Inner Lens
T1D-APQHY EVERLIGHT-T1D-APQHY Datasheet
206Kb / 11P
Chip LED with Inner Lens
11-21-G6C-FN2P2B-2T EVERLIGHT-11-21-G6C-FN2P2B-2T Datasheet
254Kb / 10P
1206 Package Chip LED with Inner lens
11-21-R6C-AP1Q2LZ-2T EVERLIGHT-11-21-R6C-AP1Q2LZ-2T Datasheet
235Kb / 10P
1206 Package Chip LED with Inner lens
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T Datasheet
142Kb / 10P
Chip LED with Inner Lens
25-21-T1D-ANQHY-2A EVERLIGHT-25-21-T1D-ANQHY-2A Datasheet
177Kb / 12P
Reverse Package Chip LED with Inner Lens
logo
List of Unclassifed Man...
QBLP651 ETC-QBLP651 Datasheet
979Kb / 14P
LED with Inner Lens
QBLP651-S1 ETC1-QBLP651-S1 Datasheet
614Kb / 9P
Inner Lens Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
1206 Package Chip LED with Inner Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com