Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIYMB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIYMB
Description  ADPT END CAP, BLANK SHLD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIYMB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIYMB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.92
74.2
.95
24.1
2X .92
23.4
2X, .26
6.6
2X, .312
7.92
4X, M3x0.5
2X, .20
5.1
2X, 1.11
28.2
NOTES:
MATERIAL: 18 GAUGE (.048) STEEL.
FINISH: BRIGHT NICKEL PLATE.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DIYMB
A
DIYMB.SLDDRW
1
1
D.DESJARDIN
8/14/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
8/14/12
8/15/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT END CAP, BLANK SHLD
HARDWARE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
8/14/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DIYMB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIYM L-COM-DIYM Datasheet
49Kb / 1P
ADPT CASE, SHLD 3"x3"x1" PAIR
10/1/12
DIYM25F L-COM-DIYM25F Datasheet
55Kb / 1P
ADPT END CAP, DB25F SHLD
10/11/12
DIYM9F L-COM-DIYM9F Datasheet
66Kb / 1P
ADPT END CAP, DB9F SHLD
3/29/12
DIYM9F2 L-COM-DIYM9F2 Datasheet
386Kb / 2P
End Cap with 2 DB9F, Solder Type
More results

Similar Description - DIYMB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P-EC01 AMPHENOL-AT04-2P-EC01 Datasheet
550Kb / 1P
Recpt, 2 Way, End Cap
AT04-3P-EC01 AMPHENOL-AT04-3P-EC01 Datasheet
486Kb / 1P
Recpt, 3 Way, End Cap
AT04-4P-EC01 AMPHENOL-AT04-4P-EC01 Datasheet
599Kb / 1P
Recpt, 4 Way, End Cap
AT04-6P-EC01 AMPHENOL-AT04-6P-EC01 Datasheet
609Kb / 1P
Recpt, 6 Way, End Cap
logo
Tyco Electronics
016897-000 MACOM-016897-000 Datasheet
88Kb / 1P
CAP, ROUND END
logo
Molex Electronics Ltd.
1301180010 MOLEX11-1301180010 Datasheet
28Kb / 1P
Box Track, Festoon End Cap
logo
Harwin Plc
C90-25042-10SL HARWIN-C90-25042-10SL Datasheet
54Kb / 1P
END CAP AND CHAIN
C90-25043-10SL HARWIN-C90-25043-10SL Datasheet
55Kb / 1P
END CAP AND CHAIN
logo
Pepperl+Fuchs Inc.
POWERBUS-CAP PF-POWERBUS-CAP Datasheet
341Kb / 2P
End Cap for Power Bus
logo
NHP Electrical Engineer...
1769-ECL NHP-1769-ECL Datasheet
718Kb / 1P
COMPACTLOGIX END CAP TERMINATOR LEFT
8 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com