Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIYRA Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIYRA
Description  EIA232 CRIMP & POKE ADAPTER KIT DIYRA SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIYRA Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIYRA Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIYRA
1.92
48.8
PIN 1
2.09
53.1
.59
15.0
PIN 1
EIA232 CRIMP & POKE ADAPTER KIT
MAY OCCUR
7/14/09
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
D.FRISIELLO
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DIYRA
A
DIYRA.SLDDRW
11
M.MARTINEZ
7/14/09
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
7/14/09
1/22/09
-
A
APPROVED FOR PRODUCTION BY ALBY MARSHALL
REDRAWN FROM MAC 98-012230, AND NEW FORMAT
7/14/09
BJD
D.FRISIELLO
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
DIYRA SERIES
DATA
PROJECTION
FSCM NO.
43321
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
CONNECTOR
DB25 MALE
1. DIRYA IS SHOWN ASSEMBLED, BUT COMES IN A KIT. SEE TABLE FOR
NOTES:
APPROPRIATE LOGO POLY BAG AND AFFIXED WITH L-COM LABEL.
2. COMPONENTS SHALL BE KITTED AND PACKAGED IN THE
OTHER MODEL SPECIFICATIONS.
CONNECTOR
DB25 FEMALE
MODEL
NUMBER
DESCRIPTION
CONNECTORS
DIYRA
EIA232 CRIMP &
POKE ADAPTER KIT
MALE/FEMALE
DIYRA-F
EIA232 CRIMP &
POKE ADAPTER KIT FEMALE/FEMALE
DIYRA-M
EIA232 CRIMP &
POKE ADAPTER KIT
MALE/MALE


Similar Part No. - DIYRA

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIYRA-F L-COM-DIYRA-F Datasheet
45Kb / 1P
EIA232 CRIMP & POKE ADAPTER KIT DIYRA SERIES
7/14/09
More results

Similar Description - DIYRA

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25SRSL ADAM-TECH-DB25SRSL Datasheet
211Kb / 2P
D-SUBMINIATURE CRIMP AND POKE SYSTEM
HDT15PR ADAM-TECH-HDT15PR Datasheet
191Kb / 2P
HIGH DENSITY D-SUB CRIMP AND POKE SYSTEM
logo
Pomona Electronics
5511 POMONA-5511 Datasheet
40Kb / 1P
BNC Within Series Adapter Kit
5698 POMONA-5698 Datasheet
814Kb / 3P
Universal Adapter Kit
72931 POMONA-72931 Datasheet
421Kb / 2P
SMA Adapter Kit
logo
AVX Corporation
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
POKE HOME
logo
Tyco Electronics
1478764 MACOM-1478764 Datasheet
55Kb / 1P
CRIMP KIT FOR ADK SERIES
logo
Adam Technologies, Inc.
DXXX-PR ADAM-TECH-DXXX-PR Datasheet
124Kb / 1P
D-SUB PLUG CRIMP AND POKE
DXXX-PR-JS ADAM-TECH-DXXX-PR-JS Datasheet
113Kb / 1P
D-SUB PLUG CRIMP AND POKE
DXXX-SR ADAM-TECH-DXXX-SR Datasheet
126Kb / 1P
D-SUB SOCKET CRIMP AND POKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com