Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLMS-2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DLMS-2
Description  TSTR, EIA232 DL MTR DB25 M/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DLMS-2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DLMS-2 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.46
62.5
.54
13.7
2.06
52.4
1.67
42.4
2.09
53.1
PIN 1
DB25 MALE
CONNECTOR
PIN 1
DB25 FEMALE
CONNECTOR
4X, 4-40 UNC-2A
SCREW
2X, 4-40 UNC-2B
HEX STANDOFF
NOTES:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DLMS-2
A
DLMS-2.SLDDRW
1
1
D.DESJARDIN
10/18/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
10/18/12
10/23/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
TSTR, EIA232 DL MTR DB25 M/F
TEST EQUIPMENT
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
10/18/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DLMS-2

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
DLMSPM-04-01 RICHCO-DLMSPM-04-01 Datasheet
53Kb / 1P
DUAL LOCKING MINI SUPPORT POST, MICRO
DLMSPM-10-01 RICHCO-DLMSPM-10-01 Datasheet
53Kb / 1P
DUAL LOCKING MINI SUPPORT POST, MICRO
DLMSPM-12-01 RICHCO-DLMSPM-12-01 Datasheet
53Kb / 1P
DUAL LOCKING MINI SUPPORT POST, MICRO
DLMSPM-13-01 RICHCO-DLMSPM-13-01 Datasheet
53Kb / 1P
DUAL LOCKING MINI SUPPORT POST, MICRO
DLMSPM-16-01 RICHCO-DLMSPM-16-01 Datasheet
53Kb / 1P
DUAL LOCKING MINI SUPPORT POST, MICRO
More results

Similar Description - DLMS-2

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK162-3 ASSMANN-AK162-3 Datasheet
36Kb / 1P
DB25 MALE DB25 MALE
logo
Tripp Lite. All Rights ...
P154000 TRIPPLITE-P154000 Datasheet
476Kb / 2P
Compact-Slimline DB25 Coupler Gender Changer (F-F)
P156000 TRIPPLITE-P156000 Datasheet
480Kb / 2P
Compact-Slimline DB25 Gender Changer (M-M)
P404006 TRIPPLITE-P404006 Datasheet
470Kb / 2P
AT Serial Modem Gold Cable (DB25 to DB9 M-F), 6-ft
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
logo
Zilog, Inc.
Z8612900100ZCO ZILOG-Z8612900100ZCO Datasheet
591Kb / 25P
One DB25 pin (M-F) cable for printer port connection
logo
Tripp Lite. All Rights ...
P404-006 TRIPPLITE-P404-006 Datasheet
154Kb / 2P
AT Serial Modem Gold Cable (DB25 to DB9 M/F), 6-ft
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
P154-000 TRIPPLITE-P154-000 Datasheet
160Kb / 2P
Compact/Slimline DB25 Coupler Gender Changer (F/F)
P156-000 TRIPPLITE-P156-000 Datasheet
161Kb / 2P
Compact/Slimline DB25 Gender Changer (M/M)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com