Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28C64-12KA3T Datasheet(PDF) 18 Page - STMicroelectronics

Part # M28C64-12KA3T
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64-12KA3T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M28C64-12KA3T Datasheet HTML 14Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 15Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 16Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 17Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 18Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 19Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 20Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 21Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
M28C64
18/24
Table 11. Ordering Information Scheme
Note: 1. Available only with 120 ns speed (-12), 5V operating range (-blank), and -40 to 85
°C temperature range (-6).
2. Available for the M28C64 only.
3. Available for the 3V range (-xxW) only.
4. Not available for the 1 ms write time option (-A).
5. Available only for the “M28C64 - 12 MS 3” (5V range, SO28 package)
Example:
M28C64
–
A
12
BS
6
T
Write Time
Option
blank
tWC = 3 ms at 4.5V to 5.5V;
tWC = 5 ms at 2.7V to 3.6V
T
Tape and Reel Packing
A1
tWC = 1 ms at 4.5V to 5.5V
Speed
Temperature Range
902
90 ns
10
°Cto 70 °C
12
120 ns
6
–40
°Cto 85 °C
15
150 ns
3
–40
°C to 125 °C5
203
200 ns
253
250 ns
303
300 ns
Package
BS
PDIP28
Operating Voltage
KA
PLCC32
blank 4.5 V to 5.5 V
MS
SO28 (300 mil width)
W4
2.7 V to 3.6 V
NS
TSOP28 (8 x 13.4 mm)
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all ‘1’s (FFh).
The notation used for the device number is as
shown in Table 11. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com