Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313E Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8313E_08 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8313E_08 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8313E_08 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8313E_08 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8313E_08 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8313E_08 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8313E_08 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8313E_08 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313E_08 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
56
Freescale Semiconductor
Package and Pin Listings
3. Maximum solder ball diameter measured parallel to datum A.
4. Datum A, the seating plane, is determined by the spherical crowns of the solder balls.
5. Package code 5368 is to account for PGE and the built–in heat spreader.
18.3
Pinout Listings
Table 60 provides the pin-out listing for the MPC8313E, TEPBGAII package.
Table 60. MPC8313E TEPBGAII Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
DDR Memory Controller Interface
MEMC_MDQ[0]
A8
IO
GVDD
—
MEMC_MDQ[1]
A9
IO
GVDD
—
MEMC_MDQ[2]
C10
IO
GVDD
—
MEMC_MDQ[3]
C9
IO
GVDD
—
MEMC_MDQ[4]
E9
IO
GVDD
—
MEMC_MDQ[5]
E11
IO
GVDD
—
MEMC_MDQ[6]
E10
IO
GVDD
—
MEMC_MDQ[7]
C8
IO
GVDD
—
MEMC_MDQ[8]
E8
IO
GVDD
—
MEMC_MDQ[9]
A6
IO
GVDD
—
MEMC_MDQ[10]
B6
IO
GVDD
—
MEMC_MDQ[11]
C6
IO
GVDD
—
MEMC_MDQ[12]
C7
IO
GVDD
—
MEMC_MDQ[13]
D7
IO
GVDD
—
MEMC_MDQ[14]
D6
IO
GVDD
—
MEMC_MDQ[15]
A5
IO
GVDD
—
MEMC_MDQ[16]
A19
IO
GVDD
—
MEMC_MDQ[17]
D18
IO
GVDD
—
MEMC_MDQ[18]
A17
IO
GVDD
—
MEMC_MDQ[19]
E17
IO
GVDD
—
MEMC_MDQ[20]
E16
IO
GVDD
—
MEMC_MDQ[21]
C18
IO
GVDD
—
MEMC_MDQ[22]
D19
IO
GVDD
—
MEMC_MDQ[23]
C19
IO
GVDD
—
MEMC_MDQ[24]
E19
IO
GVDD
—
MEMC_MDQ[25]
A22
IO
GVDD
—
MEMC_MDQ[26]
C21
IO
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com