Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIA2212MP8 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA2212MP8
Description  75 V Common-Mode Voltage, High-Side Current-Sense Amplifier with Comparator and Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA2212MP8 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIA2212MP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA2212MP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA2212MP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA2212MP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA2212MP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA2212MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA2212MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA2212MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA2212MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DIA221X
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
1
1. Pin Assignment and Functions
Figure 1. MSOP-8 (Top view)
Pin No.
Name
I/O
Description
1
VS
Power supply
2
OUT
O
Output voltage of the amplifier
3
CMPIN
I
Non-inverting input of the comparator
4
GND
Ground
5
——————
RESET
I
Comparator reset pin. Pull the pin low to activate it
6
CMPOUT
O
Open-drain output of the comparator
7
VIN-
I
Negative input. Connect to shunt low side
8
VIN+
I
Positive input. Connect to shunt high side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com