| Electronic Components Datasheet Search |
|
DIA2240CTP8 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIA2240CTP8 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD |
|
6 / 22 page ![]() DIA2240 Version 1.1, Apr 2026 www.dioo.com © 2026 Dioo Microcircuits Co., Ltd. Jiangsu 2 2. Absolute Maximum Ratings Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to damage the device permanently. Do not design to the maximum limits because long-time exposure to them might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range unless otherwise specified. Symbol Parameter Rating Unit Supply voltage (maximum) 6 V VIN+, VIN- Analog inputs Differential (VIN+) – (VIN-) -80 to 80 V Common mode -5 to 120 V REF1, REF2, NC inputs GND- 0.3 to VS + 0.3 V Output GND- 0.3 to VS + 0.3 V TA Operating temperature -55 to 150 °C TJ Maximum junction temperature 150 °C TSTG Storage temperature -65 to 150 °C 3. Recommended Operating Conditions Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. The ratings are obtained over an operating free-air temperature range unless otherwise specified. Symbol Parameter Rating Unit VCM Common-mode input range -4 to 110 V VS Operating supply voltage 2.7 to 5.5 V TA Operating free-air temperature -40 to 125 °C 4. ESD Ratings When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses sufficient energy, damage might occur to the device due to localized overheating. Model Condition Value Unit HBM ANSI/ESDA/JEDEC JS-001 ±2 kV CDM ANSI/ESDA/JEDEC JS-002 ±2 kV |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |