Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FPC030P071 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # FPC030P071
Description  FPC/FFC Connector to DIP Adapter (0.6mm pitch dual-row adapter, for 0.30mm pitch single-sided cable connectors, 71 pins or less)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

FPC030P071 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  FPC030P071 Datasheet HTML 1Page - Proto Advantage SMD Adapter FPC030P071 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
FPC/FFC Connector to DIP Adapter (0.6mm pitch dual-row adapter, for
0.30mm pitch single-sided cable connectors, 71 pins or less)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.00
B
2.50
C
0.30
D
0.30
E
0.60
F
0.300
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2024 Proto Advantage ® Inc.
A
B
C
D
E
B
0.3mm
FPC030P071


Similar Part No. - FPC030P071

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
FPC030P025 PROTOADVANTAGE-FPC030P025 Datasheet
226Kb / 2P
FPC/FFC Connector to DIP Adapter (0.6mm pitch dual-row adapter, for 0.30mm pitch single-sided cable connectors, 25 pins or less)
revision 1.0
FPC030P045 PROTOADVANTAGE-FPC030P045 Datasheet
223Kb / 2P
FPC/FFC Connector to DIP Adapter (0.6mm pitch dual-row adapter, for 0.30mm pitch single-sided cable connectors, 45 pins or less)
revision 1.0
FPC030P080 PROTOADVANTAGE-FPC030P080 Datasheet
219Kb / 2P
FPC/FFC Connector to DIP Adapter (0.6mm pitch dual-row adapter, for 0.30mm pitch single-sided cable connectors, 80 pins or less)
revision 1.0
More results

Similar Description - FPC030P071

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
28-652000-10 ARIES-28-652000-10 Datasheet
450Kb / 1P
PLCC-to-DIP Adapter
20-352000-10 ARIES-20-352000-10 Datasheet
632Kb / 1P
PLCC-to-DIP Adapter
1109342 ARIES-1109342 Datasheet
435Kb / 1P
PLCC-to-DIP Adapter
14-351000-10 ARIES-14-351000-10 Datasheet
640Kb / 1P
SSOP-to-DIP Adapter
14-651000-10-P ARIES-14-651000-10-P Datasheet
656Kb / 1P
SSOP-to-DIP Adapter
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
DIP-to-SOIC Adapter
1106396 ARIES-1106396 Datasheet
838Kb / 1P
Row-to-Row DIP Adapter Socket
logo
ACCUTEK MICROCIRCUIT CO...
AK08SOIC-D300 ACCUTEK-AK08SOIC-D300_12 Datasheet
808Kb / 8P
DIP to SOIC Adapter Modules
logo
Aries Electronics, Inc.
18007 ARIES-18007 Datasheet
502Kb / 1P
Series 35W000 SOWIC-to-DIP Adapter ??14/28 Pins
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com