Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP8GF Datasheet(PDF) 6 Page - Clarke International

Part # AP8GF
Description  SPRAY GUN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AP8GF Datasheet(HTML) 6 Page - Clarke International

Back Button AP8GF Datasheet HTML 2Page - Clarke International AP8GF Datasheet HTML 3Page - Clarke International AP8GF Datasheet HTML 4Page - Clarke International AP8GF Datasheet HTML 5Page - Clarke International AP8GF Datasheet HTML 6Page - Clarke International AP8GF Datasheet HTML 7Page - Clarke International AP8GF Datasheet HTML 8Page - Clarke International AP8GF Datasheet HTML 9Page - Clarke International AP8GF Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATION
AIR SUPPLY
For best results, the air supply to the spray gun must be clean and dry, with no
oil or water contamination. Follow the air compressor manufacturer’s
guidelines on installation and operation to ensure that your air supply is as
clean as possible.
The compressed air supply line to the spray gun must be fitted with a filter
capable of removing any oil or water together with a suitable pressure
regulator.
Higher pressure and contaminated air will shorten the spray gun life due to
faster wear and could become a safety hazard.
Water in the air line will also cause damage and may contaminate the paint
being used. Therefore ensure the air supply is properly filtered.
Line pressure, or supply hose inside diameter, should be increased to
compensate for unusually long air hoses (over 10 m). Minimum hose diameter
should be 6mm (¼") ID, and fittings should have the same inside dimensions.
The air inlet used for connecting air supply has a standard ¼” BSP thread.
Container Volume
100 ml
Air Inlet Connection
1/4” BSP
Minimum Compressor Size
3 HP
Typical Operating Pressure
30-43 psi
Maximum Operating Pressure
50 psi
Paint Delivery
65-100 ml/min
Weight
373 g
Depth x Width x Height
245 x 125 x 65m
Air Consumption
80 l/min
Nozzle Size
0.8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com