Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NSPRO18C01 Datasheet(PDF) 6 Page - Clarke International

Part # NSPRO18C01
Description  SPRAY GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

NSPRO18C01 Datasheet(HTML) 6 Page - Clarke International

  NSPRO18C01 Datasheet HTML 1Page - Clarke International NSPRO18C01 Datasheet HTML 2Page - Clarke International NSPRO18C01 Datasheet HTML 3Page - Clarke International NSPRO18C01 Datasheet HTML 4Page - Clarke International NSPRO18C01 Datasheet HTML 5Page - Clarke International NSPRO18C01 Datasheet HTML 6Page - Clarke International NSPRO18C01 Datasheet HTML 7Page - Clarke International NSPRO18C01 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Spray Nozzle
Wings
Fan Control
Fluid Control
Paint Cup Vent
Air Supply
Air flow Control
Paint Cup
Paint Cup
Locking Lever
GENERAL ARRANGEMENT
Pro-Gun spray guns are available with three nozzle sizes, 1.2mm, 1.4mm, and 1.8mm. The
larger the nozzle, the more compressed air is needed. Make sure your spray gun is matched
to the capacity of your compressor.
Model
Nozzle size
Compressor required
Pro-12C
1.2 mm
1.5 hp minimum
Pro-14C
1.4 mm
2.0 hp minimum
Pro-18C
1.8 mm
3.0 hp minimum
For best results, the air supply to the spray gun must be clean and dry, with no oil or water
contamination. Follow the air compressor manufacturer’s guidelines on installation and
operation to ensure that your air supply is as clean as possible. The compressed air supply
line to the spray gun must be fitted with an oil and water extractor and a suitable
pressure regulator.
Connect the air supply to the spray gun using a suitable 1/4” BSP fitting.
AIR SUPPLY
- 5 -
- 10 -
NOTES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com