Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SED1566DBB Datasheet(PDF) 13 Page - Epson Company

Part # SED1566DBB
Description  LCD driver with RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1566DBB Datasheet(HTML) 13 Page - Epson Company

Back Button SED1566DBB Datasheet HTML 9Page - Epson Company SED1566DBB Datasheet HTML 10Page - Epson Company SED1566DBB Datasheet HTML 11Page - Epson Company SED1566DBB Datasheet HTML 12Page - Epson Company SED1566DBB Datasheet HTML 13Page - Epson Company SED1566DBB Datasheet HTML 14Page - Epson Company SED1566DBB Datasheet HTML 15Page - Epson Company SED1566DBB Datasheet HTML 16Page - Epson Company SED1566DBB Datasheet HTML 17Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
S1D15300 Series
Rev.1.4
EPSON
5–1
Name
Duty
LCD bias
Segment driver
COM driver
Display area
Remarks
S1D15300D00VV
1/33
1/5, 1/6
100
33
33
× 100
COM single-side layout
S1D15300D10VV
1/33
1/5, 1/6
100
33
33
× 100
COM dual-side layout
S1D15301D00VV
1/65
1/6, 1/8
132
0
65
× 132
S1D16700 is used as the COM.
S1D15302D00VV
1/65
1/6, 1/8
100
33
65
× 200
COM single-side, right-hand layout
S1D15302D11VV
1/65
1/6, 1/8
100
33
65
× 200
COM single-side, left-hand layout
S1D15305D10VV
1/35
1/5, 1/6
98
35
35
× 98
COM both-side layout
Type 2 [VREG Temperature gradient: 0.00% /
°C]
Note: The S1D15300 series has the following subcodes depending on their shapes. (The S1D15300 examples are given.)
S1D15300T**** : TCP (The TCP subcode differs from the inherent chip subcode.)
S1D15300D**** : Bear chips
S1D15300D**A* : Al-pad chip
S1D15300D**B* : Au-bump chip
1. DESCRIPTION
The S1D15300 series is a single-chip LCD driver for dot-matrix
liquid crystal displays (LCD’s) which is directly connectable to a
microcomputer bus. It accepts 8-bit serial or parallel display data
directly sent from a microcomputer and stores it in an on-chip
display RAM. It generates an LCD drive signal independent of
microprocessor clock.
The use of the on-chip display RAM of 65
× 132 bits and a one-to-
one correspondence between LCD panel pixel dots and on-chip
RAM bits permits implementation of displays with a high degree of
freedom.
As a total of 133 circuits of common and segment outputs are
incorporated, a single chip of S1D15300 can make 33
× 100-dot (16
× 16-dot kanji font: 6 columns × 2 lines) displays, and a single chip
of S1D15301 can make 65
× 132-dot (kanji font: 8 columns x 4 lines)
displays when the S1D15301 is combined with the common driver
S1D16700.
The S1D15302 can display the 65
× 200-dot (or 12-column by 4-line
Kanji font) area using two ICs in master and slave modes. As an
independent static indicator display is provided for time-division
driving, the low-power display is realized during system standby
and others.
No external operation clock is required for RAM read/write opera-
tions. Accordingly, this driver can be operated with a minimum
current consumption and its on-board low-current-consumption
liquid crystal power supply can implement a high-performance
handy display system with a minimum current consumption and a
smallest LSI configuration.
Two types of S1D15300 series are available: one in which common
outputs are arranged on a single side and the other in which common
outputs are arranged on both sides.
2. FEATURES
• Direct RAM data display using the display RAM. When
RAM data bit is 0, it is not displayed. When RAM data bit
is 1, it is displayed. (At normal display)
• RAM capacity: 65
× 132 = 8580 bits
• High-speed 8-bit microprocessor interface allowing direct
connection to both the 8080 and 6800.
• Serial interface
• Many command functions: Read/Write Display Data, Dis-
play ON/OFF, Normal/Reverse Display, Page Address Set,
Set Display Start Line, Set Column Address, Read Status,
All Display ON/OFF, Set LCD Bias, Electronic contrast
Controls, Read Modify Write, Select Segment Driver Direc-
tion, Power Save
• Series specifications (in cases of chip shipments)
Type 1 [VREG (Built-in power supply regulating voltage)
Temperature gradient: -0.2% /
°C]
Name
Duty
LCD bias
Segment driver
COM driver
Display area
Remarks
S1D15300D15VV
1/33
1/5, 1/6
100
33
33
× 100
COM both-side layout
S1D15302D14VV
1/65
1/6, 1/8
100
33
65
× 200
COM single-side, right-hand layout
S1D15303D15VV
1/17
1/5
116
17
17
× 116
COM both-side layout
S1D15304D14VV
1/9
1/5
124
9
9
× 124
COM single-side layout
• On-chip LCD power circuit: Voltage booster, voltage
regulator, voltage follower
× 4.
• On-chip electronic contrast control functions
• Ultra low power consumption
• Power supply voltages:
VDD - VSS
-2.4 V to -6.0 V
VDD - V5
-4.5 V to -16.0 V
• Wide operating temperature range:
Ta = -40 to 85
°C
• CMOS process
• Package: TCP and bare chip
• Non-radiation-resistant design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com