| Electronic Components Datasheet Search |
|
SED1568DBB Datasheet(PDF) 21 Page - Epson Company |
|
|
|||||||||||||||||||||||||||||
SED1568DBB Datasheet(HTML) 21 Page - Epson Company |
|
21 / 54 page ![]() S1D15300 Series Rev.1.4 EPSON 5–9 Chip Select Inputs The S1D15300 series has two chip select pins, CS1 and CS2 and can interface to a microprocessor when CS1 is low and CS2 is high. When these pins are set to any other combination, D0 to D7 are high impedance and A0, RD and WR inputs are disabled. When serial input interface is selected, the shift register and counter are reset. Access to Display Data RAM and Internal Registers The S1D15300 series can perform a series of pipeline processing between LSI’s using bus holder of internal data bus in order to match the operating frequency of display RAM and internal registers with the microprocessor. For example, the microprocessor reads data from display RAM in the first read (dummy) cycle, stores it in bus holder, and outputs it onto system bus in the next data read cycle. Also, the microprocessor temporarily stores display data in bus holder, and stores it in display RAM until the next data write cycle starts. When viewed from the microprocessor, the S1D15300 series access speed greatly depends on the cycle time rather than access time to the display RAM ( tACC). It shows the data transfer speed to/from the microprocessor can increase. If the cycle time is inappropriate, the microprocessor can insert the NOP instruction that is equivalent to the wait cycle setup. However, there is a restriction in the display RAM read sequence. When an address is set, the specified address data is NOT output at the immediately following read instruction. The address data is output during second data read. A single dummy read must be inserted after address setup and after write cycle (refer to Figure 2). •Write •Read Write signal Bus holder Internal timing DATA WR n n MPU n+1 n+2 n+3 Latched n+1 n+2 n+3 Address preset Read signal Column address Bus holder Internal timing Preset Incremented Set address n Dummy read Data Read address n Data Read address n+1 DATA RD WR N N n n+1 N N+1 N+2 N n n+1 n+2 MPU Figure 2 Busy Flag The Busy flag is set when the S1D15300 series starts to operate. During operating, it accepts Read Status instruction only. The busy flag signal is output at pin D7 when Read Status is issued. If the cycle time ( tcyc) is correct, the microprocessor needs not to check the flag before issuing a command. This can greatly improve the microproc- essor performance. Initial Display Line Register When the display RAM data is read, the display line according to COM0 (usually, the top line of screen) is determined using register data. The register is also used for screen scrolling and page switching. The Set Display Start Line command sets the 6-bit display start address in this register. The register data is preset on the line counter each time FR signal status changes. The line counter is incremented by CL signal and it generates a line address to allow 132-bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |