Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4052 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC4052
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4052 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC4052 Datasheet HTML 3Page - STMicroelectronics M74HC4052 Datasheet HTML 4Page - STMicroelectronics M74HC4052 Datasheet HTML 5Page - STMicroelectronics M74HC4052 Datasheet HTML 6Page - STMicroelectronics M74HC4052 Datasheet HTML 7Page - STMicroelectronics M74HC4052 Datasheet HTML 8Page - STMicroelectronics M74HC4052 Datasheet HTML 9Page - STMicroelectronics M74HC4052 Datasheet HTML 10Page - STMicroelectronics M74HC4052 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VEE
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
ΦI/O
Phase Difference
Between Input
and Output
2.0
GND
25
60
75
90
ns
4.5
GND
6
12
15
18
6.0
GND
5
10
13
15
4.5
-4.5
4
tPZL
tPZH
Output Enable
Time
(for 4051/4052)
2.0
GND RL =1K
Ω
64
225
280
340
ns
4.5
GND
18
45
56
68
6.0
GND
15
38
48
58
4.5
-4.5
18
tPZL
tPZH
Output Enable
Time
(for 4053)
2.0
GND RL =1K
Ω
50
225
280
340
ns
4.5
GND
14
45
56
68
6.0
GND
12
38
48
58
4.5
-4.5
14
tPLZ
tPHZ
Output Disable
Time
(for 4051/4052)
2.0
GND RL =1K
Ω
100
250
315
375
ns
4.5
GND
33
50
63
7
6.0
GND
28
43
54
64
4.5
-4.5
29
tPLZ
tPHZ
Output Disable
Time
(for 4053)
2.0
GND RL =1K
Ω
95
225
280
340
ns
4.5
GND
30
45
56
68
6.0
GND
26
38
48
58
4.5
-4.5
26
CIN
Input Capacitance
5
10
10
10
pF
CI/O
Common Terminal
Capacitance
5.0
-5.0
HC4051
HC4052
HC4053
36
19
11
70
40
20
70
40
20
70
40
20
pF
CI/O
Switch Terminal
Capacitance
5.0
-5.0
HC4051
HC4052
HC4053
7
7
7
15
15
15
15
15
15
15
15
15
pF
CIOS
Feed Through
Capacitance
5.0
-5.0
HC4051
HC4052
HC4053
0.95
0.85
0.75
2
2
2
2
2
2
2
2
2
pF
CPD (*)
Power Dissipation
Capacitance
5.0
GND
HC4051
HC4052
HC4053
70
71
67
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC4051/4052/4053
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com