Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COMPACTSTYLEHARDSEAT- Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # COMPACTSTYLEHARDSEAT-
Description  Compact Style Hard Seat
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

COMPACTSTYLEHARDSEAT- Datasheet(HTML) 2 Page - NOSHOK, INC.

  COMPACTSTYLEHARDSEAT- Datasheet HTML 1Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 2Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 3Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 4Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 5Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT- Datasheet HTML 6Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
129
5040/5090
5040/5090SERIES
Series..........................................................................5-valve
Seat.........................................................................Hard seat
Process type.......................... Compact style, power pattern
Connection...............................................1/2" NPT standard
Valve type............................. Flange-female, Stainless Steel
5 0 4 0 – MFS
EXAMPLE
ORDERING
INFORMATION
Series..........................................................5-valve
Seat.........................................................Hard seat
Process type....... Compact style, natural gas flow
Connection...............................1/2" NPT standard
Valve type..............Flange-female, Stainless Steel
O-ring............................................................FFKM
5 0 9 0 – MFS – KZ1
EXAMPLE with Additional Options
ORDERING INFORMATION
SERIES
5 5-valve
SEAT
0 Hard seat
PROCESS TYPE
4 Compact style, power pattern
9 Compact style, natural gas flow
CONNECTION
0 1/2" NPT standard
VALVE TYPES
MFS Flange-Female, Stainless Steel (MSS SP-99 spacing)
MFS-CP Flange-Female, Stainless Steel (Coplanar™ spacing)
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION - ADDITIONAL OPTIONS
PACKINGS
P1 PTFE
P2 Graphite
STEM TIPS
T1 Non-rotating (316 Stainless)
T6 Ball (carbide)
T8 Ball (Monel)
T5 Ball (440C Stainless)
T7 Ball (ceramic)
T9 Non-rotating regulating (316 Stainless)
O-RINGS*
EM1 EPDM
KZ1 FFKM (Perfluoroelastomer)
NB1 NBR
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
To meet all of your specific application requirements, the following additional options are available for these manifold valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 5040-MFS-P1)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
* Other o-ring materials available on request.
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com