Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HC4094 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC4094
Description  8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4094 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC4094 Datasheet HTML 3Page - STMicroelectronics M54HC4094 Datasheet HTML 4Page - STMicroelectronics M54HC4094 Datasheet HTML 5Page - STMicroelectronics M54HC4094 Datasheet HTML 6Page - STMicroelectronics M54HC4094 Datasheet HTML 7Page - STMicroelectronics M54HC4094 Datasheet HTML 8Page - STMicroelectronics M54HC4094 Datasheet HTML 9Page - STMicroelectronics M54HC4094 Datasheet HTML 10Page - STMicroelectronics M54HC4094 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TEST WAVEFORM ICC (Opr.)
SWITCHING CHARACTERISTICS TEST WAVEFORM
CPD CALCULATION
CPD is to be calculated with the following for-
mula by using the measured value of ICC
(Opr.) in the test circuit opposite.
CPD=
ICC (Opr)
fIN
× VCC
In determining the typical value of CPD,a
relatively high frequency of 1 MHz was ap-
plied to fIN, in order to eliminate any error
caused by the quiescent supply current.
M54/ M74HC4094
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com