Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MECHANICALCOMPACTSPDT Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # MECHANICALCOMPACTSPDT
Description  Mechanical Compact SPDT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

MECHANICALCOMPACTSPDT Datasheet(HTML) 1 Page - NOSHOK, INC.

  MECHANICALCOMPACTSPDT Datasheet HTML 1Page - NOSHOK, INC. MECHANICALCOMPACTSPDT Datasheet HTML 2Page - NOSHOK, INC. MECHANICALCOMPACTSPDT Datasheet HTML 3Page - NOSHOK, INC. MECHANICALCOMPACTSPDT Datasheet HTML 4Page - NOSHOK, INC. MECHANICALCOMPACTSPDT Datasheet HTML 5Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
200
200SERIES
Mechanical Compact SPDT
Pressure Switches
APPLICATIONS
■
Hydraulics & pneumatics
■
Pumps & compressors
■
Tank monitoring
■
Leak detection
■
Water management
• Switch adjustment ranges from 3 psig to 30 psig through
435 psig to 4,640 psig depending on model
• Standard Zinc-nickel with NBR diaphragm wetted parts;
Membrane type - NBR diaphragm
Piston type - PTFE dynamic seal with NBR static o-ring
• SPST or SPDT snap-action switch with solid Silver contacts
SPECIFICATIONS
Switching parameters
Function
SPST or SPDT
Contact rating*
5A @ 125/250 Vac
5A @ 12/24 Vdc
Repeatability
Max. ±2% of Full Scale at room temperature
Hysteresis
2 psi + 5 - 10% of set point
Contact material
Solid Silver, self-cleaning, optional gold-plated
Frequency
Max. 100 cycles/min
Switch type
Snap action
Pressure ranges
3 psig to 30 psig through 435 psig to 4,640 psig
Service life
200L: >9,000,000 load cycles
200M: >2,000,000 load cycles
200H: >1,000,000 load cycles
Temperature ranges
Media -4 °F to 176 °F (-20 °C to 80 °C)
Ambient -4 °F to 176 °F (-20 °C to 80 °C)
Storage -4 °F to 176 °F (-20 °C to 80 °C)
Proof pressure
870 psig to 5,800 psig depending on model
See Ordering Information for details
Measuring element
Membrane type - NBR diaphragm
Piston type - PTFE dynamic seal with NBR static o-ring
Housing material
Zinc-nickel plated Steel, optional Stainless Steel
Environmental rating
IP00 - Spade Terminals
IP65 - DIN EN 175301-803 Form A, M12, Cable & Deutsch Integral, Field adjustable
IP67 - M12, Cable & Deutsch Integral, Fixed set point
Weight
Approximately 0.2 lb.
* Gold contacts may be required for less than 5 VDC and 5 milliamps
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to
cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov


Similar Part No. - MECHANICALCOMPACTSPDT

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
MECHANICALHEAVY-DUTYSPDT NOSHOK-MECHANICALHEAVY-DUTYSPDT Datasheet
823Kb / 4P
Mechanical Heavy-Duty SPDT
logo
Ledil, Inc.
MechanicalModel LEDIL-MechanicalModel Datasheet
3Mb / 66P
Florence Lens array
More results

Similar Description - MECHANICALCOMPACTSPDT

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
MECHANICAL DATA
AGM1232D AZDISPLAYS-AGM1232D Datasheet
580Kb / 12P
MECHANICAL DATA
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
MECHANICAL DATA
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
MECHANICAL DATA
logo
California Eastern Labs
UPG2151T5K CEL-UPG2151T5K Datasheet
396Kb / 7P
NECs COMPACT 1/2WL, S-BAND SPDT SWITCH
logo
Vishay Siliconix
DG9454 VISHAY-DG9454 Datasheet
148Kb / 10P
Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)
07-Mar-11
logo
Grayhill, Inc
20SG2AC-G2AC-P GRAYHILL-20SG2AC-G2AC-P Datasheet
194Kb / 1P
Compact mechanical encoder with concentric shafts
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
MECHANICAL
logo
Schneider Electric
VW3A3600 SCHNEIDER-VW3A3600 Datasheet
72Kb / 2P
mechanical adapter for communication module - for ATV320 compact drive
Sep 18, 2021
logo
Vishay Siliconix
DG9454 VISHAY-DG9454_V01 Datasheet
197Kb / 12P
Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)
07-Mar-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com