Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT9B95B Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT9B95B
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95B Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT9B95B Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 23Page - Holtek Semiconductor Inc HT9B95B Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Rev. 1.10
20
November 25, 2015
HT9B95A/B/G
Display Control Command
This command is used to select the current mode according to the characteristics of the LCD panel for achieving
high display quality and frame frequency.
Function
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
(LSB)
Bit0
Note
Display Control Setting
C
1
1
0
FR1
FR0
PS1
PS0
—
PS [1:0]
Power Save Mode
Current Consumption
00
Low Current2 Mode
x 0.5
01
Low Current1 Mode
x 0.67
10
Normal Current Mode
x 1 (default)
11
High Current Mode
x 1.8
FR [1:0]
Frame Frequency @VDD=3.3V (Hz)
00
80 (default)
01
71
10
64
11
50
Note:
• The setting of the frame frequency, LCD output waveform and current mode will influence the display image
qualities. Please select a proper display setting suitable for the current consumption and display image quality
with LCD panel.
Mode
Flicker
Image Quality/Contrast
Frame Frequency
○
LCD Driver Output Waveform
○
○
Power Save Mode
○
• Power on status: Normal current mode and Frame frequency is set to 80Hz.
• If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com