Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT9B95G Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT9B95G
Description  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95G Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT9B95G Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Rev. 1.10
8
November 25, 2015
HT9B95A/B/G
Power On Reset Timing
Ti me
V DD
V PO R
RR VD D
t PO R
Note: 1. If the conditions of Reset timing are not satisfied in power ON/OFF sequence, the internal Power on
Reset (POR) circuit will not operate normally.
2. If it is difficult to meet power on reset timing conditions, please execute software reset command after
Power on.
D.C. Characteristics
VSS = 0V; VDD =2.4V to 5.5V; Ta = -40°C to +85°C
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
VDD
Condition
VDD
Operating Voltage
—
—
2.4
—
5.5
V
VLCD
LCD Operating Voltage
—
—
2.5
—
5.5
V
VIH
Input High Voltage
—
SCL, SDA
0.7VDD —
VDD
V
VIL
Input Low Voltage
—
SCL, SDA
0
—
0.3VDD
V
IIL
Input Leakage Current
—
VIN=VSS or VDD
-1
—
1
μA
IOL
Low Level Output Current
3.3V
VOL=0.4V for SDA pin
6
—
—
mA
5.0V
9
—
—
mA
IDD
Operating Current
3.3V
VLCD=VDD, No load, Ta=25°C,
LCD display on, fLCD=80Hz,
1/4 bias, 1/8 duty, B type inversion,
Power save mode = Low Current2
mode
—
3
10
μA
5.0V
—
5
20
μA
ILCD
Operating Current
3.3V
VLCD=VDD, No load, Ta=25°C,
LCD display on, fLCD=80Hz,
1/4 bias, 1/8 duty, B type inversion,
Power save mode = Low Current2
mode
—
5
20
μA
5.0V
—
6
30
μA
ISTB
Standby Current
3.3V
VLCD=VDD, No load, Ta=25°C,
LCD display off, fLCD=80Hz,
1/4 bias, 1/8 duty, B type inversion,
Power save mode = Low Current2
mode
—
—
1
μA
5.0V
—
—
2
μA
IOL1
LCD Common Sink Current
—
VLCD=3.3V, VOL=0.33V
250
400
—
μA
VLCD=5V, VOL=0.5V
500
800
—
μA
IOH1
LCD Common Source Current
—
VLCD=3.3V, VOH=2.97V
-140 -230
—
μA
VLCD=5V, VOH=4.5V
-300 -500
—
μA
IOL2
LCD Segment Sink Current
—
VLCD=3.3V, VOL=0.33V
250
400
—
μA
VLCD=5V, VOL=0.5V
500
800
—
μA
IOH2
LCD Segment Source Current
—
VLCD=3.3V, VOH=2.97V
-140 -230
—
μA
VLCD=5V, VOH=4.5V
-300 -500
—
μA
A.C. Characteristics
VSS = 0V; VDD =2.4V to 5.5V; Ta= -40°C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com