Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A14232E/HS Datasheet(PDF) 2 Page - United Automation Ltd. All rights reserved

Part # A14232E/HS
Description  RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

A14232E/HS Datasheet(HTML) 2 Page - United Automation Ltd. All rights reserved

  A14232E/HS Datasheet HTML 1Page - United Automation Ltd. All rights reserved A14232E/HS Datasheet HTML 2Page - United Automation Ltd. All rights reserved A14232E/HS Datasheet HTML 3Page - United Automation Ltd. All rights reserved A14232E/HS Datasheet HTML 4Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
X10250 Commercial Catering Equipment | Catering Heater Controller
QVR – QVR/S – QLC
RFI Suppression with 15A, 17A, 110V & 230V
Variable AC Regulator
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
1 July 2025 | Issue: 12
Page
2 of 4
TB RFI Regulator
RFI Regulator
INSTALLATION
DIMENSIONS & CONNECTIONS FOR TB RFI
DIMENSIONS & CONNECTIONS FOR RFI



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com