Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

61-23-R6GHBHC-A01 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 61-23-R6GHBHC-A01
Description  Luminosity Full Color LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

61-23-R6GHBHC-A01 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  61-23-R6GHBHC-A01 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 61-23-R6GHBHC-A01 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 61-23-R6GHBHC-A01 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 61-23-R6GHBHC-A01 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 61-23-R6GHBHC-A01 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 61-23-R6GHBHC-A01 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 61-23-R6GHBHC-A01 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 61-23-R6GHBHC-A01 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 61-23-R6GHBHC-A01 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet - Preliminary
Luminosity Full Color LED
61-23 /R6GHBHC-A01/ET
Everlight Electronics Co., Ltd
http://www.everlight.com
Rev. 1.1
Page: 4 of 12
Device No.:
Prepared date: 20-Nov-2007
Prepared by: Josh Chou
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
R6
112
200
-----
IF=20mA
GH
225
280
-----
IF=20mA
Luminous Intensity
Iv
BH
90
150
-----
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
120
-----
deg
IF=20mA
R6
-----
632
-----
GH
-----
518
-----
Peak Wavelength
λ
p
BH
-----
468
-----
nm
IF=20mA
R6
-----
624
-----
GH
-----
525
-----
Dominant Wavelength λd
BH
-----
470
-----
nm
IF=20mA
R6
-----
20
-----
GH
-----
35
-----
Spectrum Radiation
Bandwidth
△λ
BH
-----
35
-----
nm
IF=20mA
R6
-----
2.0
2.4
GH
-----
3.5
4.0
Forward Voltage
VF
BH
-----
3.5
4.0
V
IF=20mA
R6
-----
-----
10
GH
-----
-----
10
Reverse Current
IR
BH
-----
-----
10
μ
A
VR=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com