Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM261...ZEJQ1 Datasheet(PDF) 64 Page - Texas Instruments

Part # AM261...ZEJQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJQ1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AM261...ZEJQ1 Datasheet HTML 60Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 61Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 62Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 63Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 64Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 65Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 66Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 67Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 218 page
background image
Table 5-31. GPIO Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
GPIO66
IO
General Purpose Input/Output
J1
K2
G3
GPIO67
IO
General Purpose Input/Output
K2
K1
G2
G2
GPIO68
IO
General Purpose Input/Output
J4
L4
H3
H1
GPIO69
IO
General Purpose Input/Output
K4
L1
H2
H2
GPIO70
IO
General Purpose Input/Output
K3
M2
G1
J1
GPIO71
IO
General Purpose Input/Output
V17
W16
R14
V15
GPIO72
IO
General Purpose Input/Output
T16
Y16
T14
W15
GPIO73
IO
General Purpose Input/Output
P15
W17
T15
W16
GPIO74
IO
General Purpose Input/Output
R16
Y17
R15
V16
GPIO75
IO
General Purpose Input/Output
L3
T3
M1
L2
GPIO76
IO
General Purpose Input/Output
M3
R4
L1
M1
GPIO77
IO
General Purpose Input/Output
B6
B7
GPIO78
IO
General Purpose Input/Output
A4
A6
GPIO79
IO
General Purpose Input/Output
B5
B6
GPIO80
IO
General Purpose Input/Output
B4
A5
GPIO81
IO
General Purpose Input/Output
A3
B5
GPIO82
IO
General Purpose Input/Output
A2
A4
GPIO83
IO
General Purpose Input/Output
C6
B4
GPIO84
IO
General Purpose Input/Output
A5
A7
GPIO85
IO
General Purpose Input/Output
L17
R19
K15
N17
GPIO86
IO
General Purpose Input/Output
L18
R20
K16
P19
GPIO87
IO
General Purpose Input/Output
G17
K19
F14
G17
GPIO88
IO
General Purpose Input/Output
F17
J19
E15
GPIO89
IO
General Purpose Input/Output
G18
J20
E16
J18
GPIO90
IO
General Purpose Input/Output
G15
J18
E14
G19
GPIO91
IO
General Purpose Input/Output
K15
N20
H15
L18
GPIO92
IO
General Purpose Input/Output
K16
L20
G15
J19
GPIO93
IO
General Purpose Input/Output
K17
N17
K14
M18
GPIO94
IO
General Purpose Input/Output
K18
N19
H14
L19
GPIO95
IO
General Purpose Input/Output
J18
M18
G16
K19
GPIO96
IO
General Purpose Input/Output
J17
M20
J14
L17
GPIO97
IO
General Purpose Input/Output
H18
M19
F16
K18
GPIO98
IO
General Purpose Input/Output
L16
P18
H16
M19
GPIO99
IO
General Purpose Input/Output
M16
P20
J15
N18
(1)
The GPIO3 pin is also used as SOP0 bootmode configuration pin.
(2)
The GPIO4 pin is also used as SOP1 bootmode configuration pin.
(3)
GPIO135 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(4)
GPIO134 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(5)
The GPIO12 pin is also used as SOP2 bootmode configuration pin.
(6)
The GPIO13 pin is also used as SOP3 bootmode configuration pin.
(7)
In OSPI boot mode, the AM261x ROM code configures GPIO61 as OSPI0_RESET_OUT0 and drives the pin low to reset an external
OSPI device during this boot mode. However, due to a configuration in the OSPI controller, this pin does not de-assert after and
external OSPI flash device resets, thus holding any external flash device in reset and causing the boot to fail. This means that GPIO61
is pulled high and then configured low until after boot is completed, which may affect certain applications. For more information, see
the AM261x Errata Document.
(8)
For additional information on OSPI flash reset, see OSPI Reset within the Applications, Implementation and Layout section.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
64
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com