Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPW5202FDB5F21 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LPW5202FDB5F21
Description  High-Side Load Switch with Over-Current Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202FDB5F21 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LPW5202FDB5F21 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 8Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 9Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 10Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 11Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 12Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 13Page - Lowpower Semiconductor inc LPW5202FDB5F21 Datasheet HTML 14Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.lowpowersemi.com
Email: marketing@lowpowersemi.com
Page 10 of 14
LPW5202
LPW5202 Rev1.7 June-2022
Application Information
The LPW5202A current limit is set with an external resistor connected between ISET pin and GND. This resistor is
selected using the following equation:
������SET =
7900
ILIM
(1)
Where, RSET, united as kΩ, is the resistor connected to ISET. ILIM is the expected current limit value in mA. Resistor
tolerance of 1% or less is recommended.
The relationship between RSET and ILIM could also be found as below diagram:
Figure 14. Current limit level and OCP trigger level
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
RSET [KΩ]
Current limit…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com