Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPW5202FDB5F06 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LPW5202FDB5F06
Description  High-Side Load Switch with Over-Current Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202FDB5F06 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LPW5202FDB5F06 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5202FDB5F06 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5202FDB5F06 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5202FDB5F06 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5202FDB5F06 Datasheet HTML 5Page - Lowpower Semiconductor inc LPW5202FDB5F06 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202FDB5F06 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202FDB5F06 Datasheet HTML 8Page - Lowpower Semiconductor inc LPW5202FDB5F06 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.lowpowersemi.com
Email: marketing@lowpowersemi.com
Page 5 of 14
LPW5202
LPW5202 Rev1.7 June-2022
Absolute Maximum Ratings (Note 1)
⚫
IN to GND --------------------------------------------------------------------------------------------------------------------- -0.3V to 7V
⚫
OUT to GND ------------------------------------------------------------------------------------------------------------------ -0.3V to 7V
⚫
EN to GND -------------------------------------------------------------------------------------------------------------------- -0.3V to 7V
⚫
ISET to GND ----------------------------------------------------------------------------------------------------------------- -0.3V to 7V
⚫
FLAGB to GND -------------------------------------------------------------------------------------------------------------- -0.3V to 7V
⚫
Maximum Junction Temperature (TA) --------------------------------------------------------------------------------------- +150°C
⚫
Storage Temperature Range -------------------------------------------------------------------------------------- -65°C to +150°C
⚫
Maximum Soldering Temperature (at leads, 10 seconds) -------------------------------------------------------------- +260°C
Note 1: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, instead of functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
⚫
Maximum Power Dissipation (PD, TA <= 25℃) ------------------------------------------------------------------------------- 0.6W
⚫
Thermal Resistance (From junction to ambient, θJA) (Note 2)------------------------------------------------------------ 203°C/W
⚫
Thermal Resistance (From junction to case, θJC) (Note 2) ---------------------------------------------------------------- 120°C/W
Note 2: It is based on 2S2P JEDEC standard PCB.
ESD Ratings
⚫
HBM (Human Body Model, JEDEC JS-001) ------------------------------------------------------------------------------ ±4000V
⚫
CDM (Charged Device Model, JEDEC JS-002) --------------------------------------------------------------------------- ±500V
Recommended Operating Conditions
⚫
Input Voltage --------------------------------------------------------------------------------------------------------------- 2.4V to 6.0V
⚫
Enable Voltage ------------------------------------------------------------------------------------------------------------------ 0V to 6V
⚫
Limited current setting ------------------------------------------------------------------------------------------------ 200mA to 2.5A
⚫
Ambient Temperature -------------------------------------------------------------------------------------------------- -40°C to 85°C
Electrical Characteristics
The following parameters are guaranteed under condition VIN =5V, TA = -40°C to 85°C unless otherwise
noted, TA = 25°C for typical value.
Parameters
Symbol
Test conditions
Min
Typ
Max
Unit
On-resistance
RDS(ON)
VIN = 5V, IOUT=200mA, TA=25°C
70
100
mΩ
Input quiescent current
IQ
VIN = 5V, OUT floating, VEN = 5V
30
50
μA
Input shutdown current
ISD
VIN = 5V, OUT grounded, VEN = 0V
200
nA
Under voltage lockout level
VUVLO_F
IN voltage falling
2.25
2.5
2.75
V
VUVLO_R
IN voltage rising
2.4
2.65
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com