Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSEM Datasheet(PDF) 14 Page - ABB

Part # ATSEM
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSEM Datasheet(HTML) 14 Page - ABB

Back Button ATSEM Datasheet HTML 10Page - ABB ATSEM Datasheet HTML 11Page - ABB ATSEM Datasheet HTML 12Page - ABB ATSEM Datasheet HTML 13Page - ABB ATSEM Datasheet HTML 14Page - ABB ATSEM Datasheet HTML 15Page - ABB ATSEM Datasheet HTML 16Page - ABB ATSEM Datasheet HTML 17Page - ABB ATSEM Datasheet HTML 18Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14 Enclosed Switching Products 0115 ABB Low Voltage
15 Enclosed Switching Products 0115 ABB Low Voltage
Functionality
OTM_C3D OTM_C8D
1. Automatic transfer switch products overview
1.1. Automatic control unit
OMD300
OMD800
1.1. Manual operation with handle
X
X
1.2. Local operation with front panel keypad
X
X
1.3. Automatic transfer switching equipment (ATSE)
X
X
1.4. Dual power source for the motor operator 1)
X
O
2. Measurements
2.1. Three phase voltage measurement on LINE1
X
X
2.2. Single phase voltage measurement on LINE1
X
X
2.3. Three phase voltage measurement on LINE2
X
X
2.4. Single phase voltage measurement on LINE2
X
X
2.5. Frequency on LINE1
X
X
2.6. Frequency on LINE2
X
X
2.7. Possibility to check measurements on LCD
X
3. Source failure detections
3.1. No voltage
X
X
3.2. Undervoltage
X
X
3.3. Overvoltage
X
X
3.4. Phase missing
X
X
3.5. Voltage unbalance
X
X
3.6. Invalid frequency
X
X
3.7. Incorrect phase sequence
X
4. Configuration
4.1. By DIP switches
X
4.2. By rotary switches
X
4.3. By keypad and LCD
X
4.4. Voltage threshold setting
X
X
4.5. Voltage hysteresis setting
X
4.6. Frequency threshold setting
X
4.7. Frequency hysteresis setting
X
5. Time delays
5.1. Switching delay
X 2)
X
5.2. Delay on transfer 3)
X
5.3. Dead band time I-II (stop switching to position O)
X
5.4. Back-switching delay
X 4)
X
5.5. Dead band time II-I (stop switching to position O)
X
5.6. Generator stop delay
X 5)
X
5.7. Status of time delays on the LCD
X
In the enclosed ATS the dual power source is included
Comments
1) Dual power source allows the motor operator to be supplied by two
separate voltage supplies. This way the motor operator is always energized.
2) Four options: 0, 5, 10 or 30 seconds.
3) Delaying the switching sequence before transferring to generator,
guaranteeing that in cold locations the generator is properly heated up.
4) Two options: the duration of back-switching delay is the same as switching
delay, i.e. the time delay is same for I - II and II - I, or the back-switching
delay is fixed 300 seconds.
5) Two options: the duration of generator stop delay is the same as Switching
delay or fixed 5 min.
6) Menus available in eight languages; English, French, German, Italian,
Spanish, Russian, Chinese and Finnish.
7) Two-way communication, bus communication protocol is Modbus
8) In case of source failure, the controller can be supplied with an external
auxiliary supply with 24…110 V DC.
9) Automatic control unit requires an external signal before allowing the
transfer to secondary.
10) Two options for the operating mode after receiving the alarm: control unit
either works normally, or initiates generator stop with operation to position O.
11) Two options: No line priority, or Source 1 is the priority source.
12) Three options: No line priority, Source 1 or Source 2 is the priority source.
13) Automatic back-switching to primary source is prevented.
14) Automatic control unit and motor operator must be energized.
X = includes as standard
O = as an accessory
Enclosed automatic transfer switches
Controllers technical specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com