Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2CSS200911R0002 Datasheet(PDF) 2 Page - ABB

Part # 2CSS200911R0002
Description  Miniature Circuit Breaker - S200 - 2P - B - 32 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0002 Datasheet(HTML) 2 Page - ABB

  2CSS200911R0002 Datasheet HTML 1Page - ABB 2CSS200911R0002 Datasheet HTML 2Page - ABB 2CSS200911R0002 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rated Frequency (f):
Rated Short-Circuit Capacity (Icn):
Rated Ultimate Short-Circuit
Breaking Capacity (Icu):
Rated Service Short-Circuit
Breaking Capacity (Ics):
Energy Limiting Class:
Overvoltage Category:
Pollution Degree:
Rated Impulse Withstand Voltage
(Uimp):
Dielectric Test Voltage:
Housing Material:
Actuator Type:
Contact Position Indication:
Degree of Protection:
Remarks:
Electrical Endurance:
Mechanical Endurance:
Terminal Type:
Screw Terminal Type:
Connecting Capacity:
Tightening Torque:
Recommended Screw Driver:
Mounting on DIN Rail:
Mounting Position:
Standards:
Connecting Capacity UL/CSA:
Tightening Torque UL/CSA:
Interrupting Rating acc. to UL1077:
Maximum Operating Voltage
UL/CSA:
Instructions and Manuals:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
RoHS Information:
E-nummer:
ETIM 4:
ETIM 5:
ETIM 6:
eClass:
UNSPSC:
Object Classification Code:
Accessories Show accessory images
Filter
Maximum (Incl. Tolerance) 440 V AC
Minimum 12 V AC / 12 V DC
50 Hz
60 Hz
(400 V AC) 6 kA
(230 V AC) 20 kA
(230 V AC) 15 kA
3
III
3
4 kV
(6.2 kV @ sea level)
(5.0 kV @ 2000 m)
50 / 60 Hz, 1 min: 2 kV
Insulation Group II, RAL 7035
Insulation group II, black, sealable
Red ON / Green OFF
IP20
IP40 in enclosure with cover
10000 AC cycle
20000 cycle
Screw Terminals
Failsafe Bi-directional Cylinder-lift Terminal
Busbar 10 / 10 mm²
Flexible with Ferrule 0.75 ... 25 mm²
Flexible 0.75 ... 25 mm²
Rigid 0.75 ... 35 mm²
Stranded 0.75 ... 35 mm²
2.8 N·m
Pozidriv 2
TH35-15 (35 x 15 mm Mounting Rail) acc. to IEC 60715
TH35-7.5 (35 x 7.5 mm Mounting Rail) acc. to IEC 60715
Any
IEC/EN 60898-1
IEC/EN 60947-2
UL 1077
Technical UL/CSA
Busbar 18-8 AWG
Conductor 18-4 AWG
25 in·lb
6 kA
(DC) 10 kA
480Y / 277 V AC
Certificates and Declarations (Document Number)
2CSC400002D0208
2CSC400002D0208
2CDK403001D0604
2CDK400003K0201
Classifications
2100432
EC000042 - Miniature circuit breaker (MCB)
EC000042 - Miniature circuit breaker (MCB)
EC000042 - Miniature circuit breaker (MCB)
7.0 27141901
39121614
F
32 Products
Identifier
Description
Type
Qty
Unit Of
Measure
Sensor 18mm, 80A AC, DC, TRMS, mounting for pro M compact &



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com