Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2CSS200911R0002 Datasheet(PDF) 1 Page - ABB

Part # 2CSS200911R0002
Description  Miniature Circuit Breaker - S200 - 2P - B - 40 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0002 Datasheet(HTML) 1 Page - ABB

  2CSS200911R0002 Datasheet HTML 1Page - ABB 2CSS200911R0002 Datasheet HTML 2Page - ABB 2CSS200911R0002 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
Minimum Order Quantity:
Customs Tariff Number:
EAN:
Product Net Depth:
Product Net Height:
Product Net Weight:
Product Net Width:
Package Level 1 Width:
Package Level 1 Length:
Package Level 1 Height:
Package Level 1 Gross Weight:
Package Level 1 EAN:
Package Level 2 Units:
Package Level 2 Width:
Package Level 2 Length:
Package Level 2 Height:
Package Level 2 Gross Weight:
Package Level 2 EAN:
Package Level 1 Units:
Ambient Air Temperature:
Resistance to Shock acc. to IEC
60068-2-27:
Resistance to Vibrations acc. to IEC
60068-2-6:
Environmental Conditions:
RoHS Status:
Number of Poles:
Tripping Characteristic:
Rated Current (In):
Rated Operational Voltage:
Power Loss:
Rated Insulation Voltage (Ui):
Operational Voltage:
General Information
S202-B40
2CDS252001R0405
4016779467407
Miniature Circuit Breaker - S200 - 2P - B - 40 A
System pro M compact S200 miniature circuit breakers are current limiting. They have two
different tripping mechanisms, the delayed thermal tripping mechanism for overload
protection and the electromechanic tripping mechanism for short circuit protection. They are
available in different characteristics (B,C,D,K,Z), configurations (1P,1P+N,2P,3P,3P+N,4P),
breaking capacities (up to 6 kA at 230/400 V AC) and rated currents (up to 63A). All MCBs
of the product range S200 comply with IEC/EN 60898-1, IEC/EN 60947-2, UL1077 and CSA
22.2 No. 235, allowing the use for residential, commercial and industrial applications.
Bottom-fitting auxiliary contact can be mounted on S200 to save 50% space.
Categories
Products
» Low Voltage Products and Systems » Modular DIN Rail Products » Miniature Circuit Breakers MCBs
Ordering
1 piece
85362010
4016779467407
Dimensions
69 mm
88 mm
0.25 kg
35 mm
Container Information
92 mm
183 mm
80 mm
1.3 kg
4016779608671
60 piece
275 mm
395 mm
210 mm
14.8 kg
4016779972611
5 piece
Environmental
Operation -25 ... +55 °C
Storage -40 ... +70 °C
25g / 2 shocks / 13 ms
5g, 20 cycles at 5 ... 150 ... 5 Hz with load 0.8 In
28 cycles
with 55 °C / 90-96 %
and 25 °C / 95-100 %
Following EU Directive 2002/95/EC August 18, 2005 and amendment
Technical
2
B
40 A
acc. to IEC 60898-1 400 V AC
acc. to IEC 60947-2 440 V AC
9.6 W
at Rated Operating Conditions per Pole 4.8 W
acc. to IEC/EN 60664-1 440 V
Maximum (Incl. Tolerance) 125 V DC
S202-B40


Similar Part No. - 2CSS200911R0002

ManufacturerPart #DatasheetDescription
logo
ABB
2CSS200911R0002 ABB-2CSS200911R0002 Datasheet
96Kb / 4P
SD202/63 Switch Disconnector 2P, 63A
2CSS200911R0002 ABB-2CSS200911R0002 Datasheet
165Kb / 4P
F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
2023/08/08
2CSS200911R0002 ABB-2CSS200911R0002 Datasheet
147Kb / 4P
F204 B-40/0.3 Residual Current Circuit Breaker 4P B type 300 mA
2023/08/08
2CSS200911R0002 ABB-2CSS200911R0002 Datasheet
71Kb / 3P
Miniature Circuit Breaker - S200 - 1P - B - 50 A
2CSS200911R0002 ABB-2CSS200911R0002 Datasheet
71Kb / 3P
Miniature Circuit Breaker - S200 - 1P - B - 20 A
More results

Similar Description - 2CSS200911R0002

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU215H SCHNEIDER-QOU215H Datasheet
95Kb / 2P
QOU Miniature Circuit Breaker, 15A, 2P, 240V, 10kA
Feb 21, 2020
QOU220H SCHNEIDER-QOU220H Datasheet
108Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA
QOU230 SCHNEIDER-QOU230 Datasheet
110Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
QOU230H SCHNEIDER-QOU230H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 240V, 10kA
QOU240 SCHNEIDER-QOU240 Datasheet
106Kb / 2P
QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOU270 SCHNEIDER-QOU270 Datasheet
93Kb / 2P
QOU Miniature Circuit Breaker, 70A, 2P, 120/240V, 10kA
QOUR220 SCHNEIDER-QOUR220 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
Feb 21, 2020
QOU225H SCHNEIDER-QOU225H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 25A, 2P, 240V, 10kA
A9F44220 SCHNEIDER-A9F44220 Datasheet
81Kb / 2P
Acti9 iC60N 2P 20A C Miniature Circuit breaker
23-Feb-2021
A9K24340 SCHNEIDER-A9K24340 Datasheet
79Kb / 2P
miniature circuit breaker - iK60N - 3P - 40 A - C curve
23-Feb-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com