Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F149IPM Datasheet(PDF) 80 Page - Texas Instruments

Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F149IPM Datasheet(HTML) 80 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 76Page - Texas Instruments MSP430F149IPM Datasheet HTML 77Page - Texas Instruments MSP430F149IPM Datasheet HTML 78Page - Texas Instruments MSP430F149IPM Datasheet HTML 79Page - Texas Instruments MSP430F149IPM Datasheet HTML 80Page - Texas Instruments MSP430F149IPM Datasheet HTML 81Page - Texas Instruments MSP430F149IPM Datasheet HTML 82Page - Texas Instruments MSP430F149IPM Datasheet HTML 83Page - Texas Instruments MSP430F149IPM Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
www.ti.com
PACKAGE OUTLINE
C
64X
0.27
0.17
60X 0.5
PIN 1 ID
0.05 MIN
4X 7.5
0.08
TYP
12.2
11.8
(0.13) TYP
1.6 MAX
B
NOTE 3
10.2
9.8
A
NOTE 3
10.2
9.8
0.75
0.45
0.25
GAGE PLANE
-7
0
(1.4)
PLASTIC QUAD FLATPACK
LQFP - 1.6 mm max height
PM0064A
PLASTIC QUAD FLATPACK
4215162/A 03/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MS-026.
1
16
17
32
33
48
49
64
0.08
C A B
SEE DETAIL A
0.08
SEATING PLANE
DETAIL A
SCALE: 14
DETAIL A
TYPICAL
SCALE 1.400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com