Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP30172 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30172
Description  1U RACKS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30172 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30172 Datasheet HTML 1Page - Electronic Components Ltd. CP30172 Datasheet HTML 2Page - Electronic Components Ltd. CP30172 Datasheet HTML 3Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLIFF
1U RACKS
VARIANTS
C 30150 -
P
1U RACK WITH PLAIN HOLES
C 30151 -
P
1
3
U RACK WITH M HOLES
C 30152 -
P
1
4-40
U RACK WITH
HOLES
Variants
Fixing Hole
C 3
P 0150 - Plain Ø3.20
C
151 - Threaded M3x0.50
P30
C
0152 - Threaded #4-40 UNC
P3
16 holes of Ø24mm with cable bar and label strip
C 30170
P
- 1U Rack loaded with 16 x 75
Insulated BNC Connectors. M3 holes. Front mounted.
W
CP30171 - 1U Rack loaded with 16 x 75
Insulated BNC Connectors. #4-40 holes. Front mounted
W
LOADED RACKS
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
02/18
.5
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk


Similar Part No. - CP30172

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30172 CLIFF-CP30172 Datasheet
418Kb / 2P
1U RACKS
CP30172 CLIFF-CP30172 Datasheet
1Mb / 4P
1U PANELS
CP30172 CLIFF-CP30172 Datasheet
1Mb / 3P
1U PANELS
CP30172 CLIFF-CP30172 Datasheet
3Mb / 4P
1U PANELS
More results

Similar Description - CP30172

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70GRCM32-HL GRAYHILL-70GRCM32-HL Datasheet
540Kb / 2P
RACKS 32 Channel
70MRCQ24-EC GRAYHILL-70MRCQ24-EC Datasheet
610Kb / 3P
RACKS 24 Channel
70RCK4 GRAYHILL-70RCK4 Datasheet
387Kb / 2P
RACKS 4 Channel
70RCK8 GRAYHILL-70RCK8 Datasheet
697Kb / 5P
RACKS 8 Channel
logo
Tripp Lite. All Rights ...
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
logo
Kendall Howard
1911-3-200-45 KENDALLHOWARD-1911-3-200-45 Datasheet
1Mb / 2P
2-POST RELAY RACKS
1916-2-100-2 KENDALLHOWARD-1916-2-100-2 Datasheet
893Kb / 2P
V-RACKS
1916-2-100-4 KENDALLHOWARD-1916-2-100-4 Datasheet
893Kb / 2P
V-RACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com