Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MULTIPORTHARDSEAT Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # MULTIPORTHARDSEAT
Description  Multiport, Hard Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

MULTIPORTHARDSEAT Datasheet(HTML) 2 Page - NOSHOK, INC.

  MULTIPORTHARDSEAT Datasheet HTML 1Page - NOSHOK, INC. MULTIPORTHARDSEAT Datasheet HTML 2Page - NOSHOK, INC. MULTIPORTHARDSEAT Datasheet HTML 3Page - NOSHOK, INC. MULTIPORTHARDSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
23
ORDERING
INFORMATION
200
200 SERIES
Series..............................200 hard seat
Connection size.................... 1/2" NPT
Valve type...............Male-female, Steel
204 – MFC
EXAMPLE
To meet all of your specific application requirements, the following additional options are available for these needle valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 204-MFC-P1)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
Series.................................. 200 hard seat
Connection size.........................1/2" NPT
Valve type................... Male-female, Steel
Stem tip ...................Ball (440C Stainless)
O-ring..............................................EPDM
204 – MFC– T5 – EM1
EXAMPLE with Additional Options
** Other o-ring materials available on request.
NOTE: Plugs and bleed plugs are available and can be ordered separately, see page 65.
Please note that the standard o-ring in all the NOSHOK valves is FKM and the standard handles are “T” handles (HL2).
The handle material will always match the material of the valve, unless otherwise specified. For example, the “T” handle (HL2) on the 204-MFC will be
Steel. When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special
application requests.
* If a packing option is chosen, maximum pressure rating is 6,000 psi. Refer to the "Pressure vs. Temperature: Packing Style with Compatible Fluid" chart
at the back of this catalog.
SERIES
2 200 Series, hard seat
CONNECTION SIZES
04 1/2" NPT
0604 3/4" NPT male - 1/2" NPT male or female
VALVE TYPES
MFC Male-Female, Steel
MFS Male-Female, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION - ADDITIONAL OPTIONS
PACKINGS *
P1 PTFE
P2 Graphite
STEM TIPS
T1 Non-rotating (316 Stainless)
T6 Ball (carbide)
T8 Ball (Monel)
T5 Ball (440C Stainless)
T7 Ball (ceramic)
T9 Non-rotating regulating (316 Stainless)
O-RINGS **
EM1 EPDM
KZ1 FFKM (Perfluoroelastomer)
NB1 NBR
PANEL MOUNTINGS
PM1 Panel mount (1 nut)
PM2 Panel mount (2 nuts)
HANDLES
HL1 1-13/16" Mini "T"
HL4 1-3/8" Phenolic
HL5 1-3/4" Phenolic
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com