Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHS4257L Datasheet(PDF) 7 Page - STMicroelectronics

Part # STHS4257L
Description  IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS4257L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STHS4257L Datasheet HTML 3Page - STMicroelectronics STHS4257L Datasheet HTML 4Page - STMicroelectronics STHS4257L Datasheet HTML 5Page - STMicroelectronics STHS4257L Datasheet HTML 6Page - STMicroelectronics STHS4257L Datasheet HTML 7Page - STMicroelectronics STHS4257L Datasheet HTML 8Page - STMicroelectronics STHS4257L Datasheet HTML 9Page - STMicroelectronics STHS4257L Datasheet HTML 10Page - STMicroelectronics STHS4257L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STHS4257A, STHS4257A1, STHS4257L, STHS4257L1
Summary description
7/18
1.1
Pin descriptions
1.1.1
Classification (RCLASS)
This is the Classification pin. Connect a Classification resistor between this pin and VIN to
tell the PSE which power class will be connected. Leave it open for Class 0.
Note: Do not connect this pin directly to VIN. For power classes and RCLASS resistor values,
see Table 3.
1.1.2
VIN
This is negative return power line to PSE.
1.1.3
Power supply (GND)
This is the Power Input/Output, positive rail.
1.1.4
Signature disable input (SIGDISA)
This pin is internally pulled down to VIN to present a valid signature to PSE. Connect to VIN
if it is unused. Tie to GND to present an invalid signature.
Note: This signal is available for STHS4257A1 and STHS4257L1 only.
1.1.5
Power Good output (PWRGD)
This pin indicates that the STHS4257x/x1 power MOSFET is fully on and works in normal
operation mode (Power Good). Open drain, low impedance means that the power is good; in
all other cases, the impedance is high (referenced to VIN).
1.1.6
Negative power output (VOUT)
This is the Power Output, negative rail.
1.2
IEEE802.3af PD power classes
Table 3.
IEEE802.3af PD power classes and corresponding RCLASS values
1.
Class 4 is currently reserved and should not be used.
Class
Usage
Max. power levels
at input of PD (W)
Nominal classification
load current (mA)
RCLASS Resistor
(
Ω, 1%)
0
Default
0.44 to 12.95
< 5
Open
1
Optional
0.44 to 3.84
10.5
124
2
Optional
3.84 to 6.49
18.5
68.1
3
Optional
6.49 to 12.95
28
45.3
4
Reserved
Reserved (1)
40
30.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com