Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCS-EB1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCS-EB1
Description  Integral 3-Element Colour Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS-EB1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCS-EB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA-SHEET
MCSi
Integral 3-Element Colour Sensor
1. FUNCTION
The colour sensors are made of 19 x 3 Si-PIN photo diodes integrated on chip. They are
carried out as a hexagonal matrix with the diameter of 3 mm. The design as Si-PIN photo
diodes allows signal frequencies up to MHz-range. In order to achieve a small cross talk
between the photodiodes the individual sectors have been separated from each other by
additional structures. Each of these photodiodes is sensitized with dielectric spectral filter for
its colour range, preferably for the primary colours red, green and blue.
2. APPLICATION
Quality control
Monitoring the production
Control of manufacturing
Detection of colour marks
3. FEATURES
Dielectric filters guarantee the good optical properties
of the colour sensors, such as:
high transmission
slight aging of the filter
high temperature stability
high signal frequency
reduced cross talk
small size (diameter of the optical sensitive surface ca. 3 mm)
insensitiveness to decentralized imaging, e. g. LWL coupling
4. CONSTRUCTION
3 x 19 on chip integrated PIN photo diodes
different package versions
(TO5 with/without IR-blocking)
dielectric filters for the three colour ranges: red, green and blue
Electrical connections
three anodes
one common cathode
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 (0)8142 28640, Fax: +49 (0)8142 286411, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk
USA: LASER COMPONENTS Instrument Group Inc., Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com


Similar Part No. - MCS-EB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS-EB1 ETC1-MCS-EB1 Datasheet
176Kb / 4P
3-element colour sensor - TO5 with optics
More results

Similar Description - MCS-EB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HML1213 ETC-HML1213 Datasheet
187Kb / 12P
L2160 ELEMENT LINEARIMAGE SENSOR
MCS3AT ETC1-MCS3AT Datasheet
191Kb / 4P
3-element colour sensor - TO5
MCS3AO ETC1-MCS3AO Datasheet
176Kb / 4P
3-element colour sensor - TO5 with optics
MCS3AS ETC2-MCS3AS Datasheet
169Kb / 7P
3-element colour sensor - SMD/SO8
logo
Fairchild Semiconductor
CCD191 FAIRCHILD-CCD191 Datasheet
522Kb / 8P
6000 Element Linear Image Sensor
logo
Bedford Opto Technology...
BG1500 BOT-BG1500 Datasheet
36Kb / 2P
LED BARGRAPH TRI-COLOUR 5 ELEMENT
logo
Dialight Corporation
C-17855 DIALIGHT-C-17855 Datasheet
84Kb / 1P
3 ELEMENT LIGHTPIPE
C-17892 DIALIGHT-C-17892 Datasheet
175Kb / 1P
3 ELEMENT LIGHTPIPE
logo
OSRAM GmbH
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
3-colour displays, RGY displays
logo
List of Unclassifed Man...
CCD134 ETC-CCD134 Datasheet
450Kb / 8P
1024-Element Linear Image Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com