Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2CSS200911R0001 Datasheet(PDF) 3 Page - ABB

Part # 2CSS200911R0001
Description  Miniature Circuit Breaker - S200M - 2P - C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0001 Datasheet(HTML) 3 Page - ABB

  2CSS200911R0001 Datasheet HTML 1Page - ABB 2CSS200911R0001 Datasheet HTML 2Page - ABB 2CSS200911R0001 Datasheet HTML 3Page - ABB 2CSS200911R0001 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Filter
Rated Impulse Withstand Voltage (U
):
4 kV
(6.2 kV @ sea level)
(5.0 kV @ 2000 m)
Rated Insulation Voltage (U ):
acc. to IEC/EN 60664-1 440 V
Rated Operational Voltage:
acc. to IEC 60898-1 400 V AC
acc. to IEC 60947-2 440 V AC
Rated Service Short-Circuit Breaking
Capacity (I ):
(230 V AC) 18.8 kA
Rated Short-Circuit Capacity (I ):
(400 V AC) 10 kA
Rated Ultimate Short-Circuit Breaking
Capacity (I ):
(230 V AC) 25 kA
(440 V AC) 15 kA
Rated Voltage (U ):
400 V AC
Recommended Screw Driver:
Pozidriv 2
Reference Ambient Air Temperature:
30 °C
Remarks:
IP40 in enclosure with cover
Resistance to Shock acc. to IEC 60068-2-
27:
25g / 2 shocks / 13 ms
Resistance to Vibrations acc. to IEC
60068-2-6:
5g, 20 cycles at 5 ... 150 ... 5 Hz with load 0.8 In
RoHS Date:
0335
RoHS Information:
2CDK400003K0201
RoHS Status:
Following EU Directive 2002/95/EC August 18, 2005 and amendment
Screw Terminal Type:
Failsafe Bi-directional Cylinder-lift Terminal
Selling Unit of Measure:
piece
Short Description:
S202M-C 16 Mini Circuit Breaker
Standards:
IEC/EN 60898-1
IEC/EN 60947-2
Terminal Type:
Screw Terminals
Tightening Torque:
2 N·m
Tightening Torque UL/CSA:
18 in·lb
Tripping Characteristic:
C
UNSPSC:
39121614
Width in Number of Modular Spacings:
2
eClass:
7.0 27141901
Accessories Available:
Yes
Accessories
32 Products
Identifier
Description
Type
Qty
Unit Of Measure
2CCA880100R0001
CMS-100PS
CMS-100PS
1
piece
2CCA880101R0001
CMS-101PS
CMS-101PS
1
piece
2CCA880102R0001
CMS-102PS
CMS-102PS
1
piece
2CDS200909R0001
S2C-A1 - Shunt Trip
S2C-A1
1
piece
2CDS200909R0002
S2C-A2 - Shunt Trip
S2C-A2
1
piece
2CDS200912R0001
S2C-H6R - Auxiliary Contact
S2C-H6R
1
piece
2CDS200918R0001
S2C-NT - Hand Operated Neutral
S2C-NT
1
piece
2CDS200922R0001
S2C-S/H6R - Signal / Auxiliary Contact
S2C-S/H6R
1
piece
2CDS200936R0001
S2C-H11L - Auxiliary Contact
S2C-H11L
1
piece
imp
i
cs
cn
cu
r



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com