Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WPBHC6 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # WPBHC6
Description  C6 RJ45 SHLD CPLR IP67 BLKHD W/DST CAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

WPBHC6 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  WPBHC6 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.028
26.1
.906+-
.004
.000
23.0+0.1
0.0
.25
6.5
.88
22.4
1.19
30.3
.44
11.2
NOTES:
MATERIAL:
MAIN BODY: PBT + GF, UL94V-0
SHIELDED CASE: BRASS, NICKEL PLATED
COUPLER HOUSING: ABS, UL94V-0
JACK CONTACTS: PHOSPHOR BRONZE,
50µ GOLD PLATED.
PHYSICAL CHARACTERISTICS:
INSERTION LIFE: 750 MATING CYCLES
CONTACT FORCE: 100 GRAMS
PLUG RETENTION FORCE: 11LBF MIN.
OPERATING TEMPERATURE RANGE: -10 C TO +60 C.
STORAGE TEMPERATURE RANGE: -40 C TO +68 C.
HUMIDITY: 10% ~ 90% RH
IP RATING: IP67-WHEN DUST CAP IS ENGAGED.
ELECTRICAL:
INSULATION RESISTANCE: 500 M
Ω
DIELECTRIC WITHSTANDING VOLTAGE: 1000 V AC.
DC CURRENT RATING: 1.5 AMPS.
DC RESISTANCE: 0.1
Ω
CONTACT RESISTANCE: 20m
Ω
PACKAGING:
ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
DUST CAP AND
LANYARD NOT SHOWN
RECOMMENDED
PANEL OPENING
B
1.028
26.1
.906+-
.004
.000
23.0+0.1
0.0
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
WPBHC6
B
WPBHC6.SLDDRW
1
1
B.GATES
4/4/17
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.GUTTADAURO
4/4/17
4/4/17
A
B
INITIAL RELEASE
ECN 8793: ADD CUT-OUT MOUNTING HOLE DETAIL
5/31/17
D.FRISIELLO
R.CLARK
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
C6 RJ45 SHLD CPLR IP67 BLKHD W/DST CAP
TELECOM/MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
4/4/17
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - WPBHC6

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
WPBHC6110 L-COM-WPBHC6110 Datasheet
75Kb / 1P
C6 RJ45/110 IP67 BLKHD PoE W/DST CAP SHLD
11/16/17
More results

Similar Description - WPBHC6

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
RJ45-IP67 CONEC-RJ45-IP67 Datasheet
2Mb / 28P
RJ45-IP67 Industrial Ethernet Connector System
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
CUI INC
SJD-3511-33 CUI-SJD-3511-33 Datasheet
306Kb / 1P
DUAL STACK 3.5mm STEREO JACK w/ FNT SHLD
SJD-3511-45 CUI-SJD-3511-45 Datasheet
329Kb / 1P
DUAL STACK 3.5mm STEREO JACK w/ FNT SHLD
SJD-3512-33 CUI-SJD-3512-33 Datasheet
147Kb / 1P
DUAL STACK 3.5mm STEREO JACK w/ SHLD
SJD-3512-45 CUI-SJD-3512-45 Datasheet
148Kb / 1P
DUAL STACK 3.5mm STEREO JACK w/ SHLD
logo
PHOENIX CONTACT
1689268 PHOENIX-1689268 Datasheet
65Kb / 4P
RJ45 coupling - VS-08-KU-IP67
2832991 PHOENIX-2832991 Datasheet
73Kb / 2P
FL RJ45 PROTECT CAP
logo
List of Unclassifed Man...
TDS8PC6 ETC2-TDS8PC6 Datasheet
61Kb / 1P
RJ45 CAT6 SHLD PLUG W/ STRN RL
Rev. E
logo
PHOENIX CONTACT
1415856 PHOENIX-1415856 Datasheet
285Kb / 9P
VS-BU/C6-IP67/B-94F-LI/5,0 - Network cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com