Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG1727S6X6518-4F-R Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG1727S6X6518-4F-R
Description  1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain, 0-10 Degree RET, 6 x 4.3-10 Female Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG1727S6X6518-4F-R Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG1727S6X6518-4F-R Datasheet HTML 1Page - Infinite Electronics International, Inc. HG1727S6X6518-4F-R Datasheet HTML 2Page - Infinite Electronics International, Inc. HG1727S6X6518-4F-R Datasheet HTML 3Page - Infinite Electronics International, Inc. HG1727S6X6518-4F-R Datasheet HTML 4Page - Infinite Electronics International, Inc. HG1727S6X6518-4F-R Datasheet HTML 5Page - Infinite Electronics International, Inc. HG1727S6X6518-4F-R Datasheet HTML 6Page - Infinite Electronics International, Inc. HG1727S6X6518-4F-R Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
HG1727S6X6518-4F-R REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain,
0-10 Degree RET, 6 x 4.3-10 Female Connector
HG1727S6X6518-4F-R
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
1,710
2,690
MHz
Input VSWR
1.5:1
Impedance
50
Ohms
Gain
18
dBi
Input Power
300
Watts
Passive Intermodulation
-153
dBc
Intermodulation IM3 (2×43dBm carrier)
Downtilt
0
10
Degrees
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
1.71 to 1.92
1.92 to 2.2
2.2 to 2.5
2.5 to 2.69
GHz
Gain
17.2
17.5
17.7
17.9
dBi
Horizontal HPBW
66
65
62
60
Degrees
Vertical HPBW
7.8
6.8
6.2
5.6
Degrees
Cross Polar Ratio HPBW
16
16
15
15
dB
Port to Port Isolation
28
28
28
28
dB
Front to Back Ratio
28
28
28
28
dB
.
e
Mechanical Specifications
Radome Material
Fiberglass
Size
Length
4.13386 in [105 mm]
Width
15.6693 in [398 mm]
Height
53.54331 in [136 cm]
Mounting Mast Diameter
1.97 to 4.53 in [50.04 to 115.06 mm]
Weight
56.75 lbs [25.74 kg]
Environmental Specifications
Temperature
Operating Range
-50 to +65 deg C
Mechanical Tilt
10 Degrees



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com