Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP30722S Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30722S
Description  DUALSLIM CAT.6 RJ45 SHIELDED FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30722S Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30722S Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Cliff Electronic Components Limited,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
11/2020
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
FEEDTHROUGH CONNECTOR
DUALSLIM
.6
SHIELDED
CAT
RJ45
2.Meet ISO/IEC 11801 and EN50173
Performance:
1.T568A & T568B wiring.
3.Meet ANSI/TIA/EIA 568B.2
4.Operating temperature: Min -10°C Max +70°C
4. Plastic Frame: Polyamide UL94 V-2
2.RJ45 In-Line Coupler Contact:
Material:
1.RJ45 In-Line Coupler:
Phosphor Bronze, 3-50 micro inches
gold plating over nickel plate.
3. PCB: FR4, UL 94V-0
ABS, UL 94V-0, Black colour, Fully Shielded
Part No.
CP30722S
DUALSLIM Cat.6 RJ45 Shielded Black plastic frame, CSK holes
CP30722SX
DUALSLIM Cat.6 RJ45 Shielded Black plastic frame, Ø2.5 PLAIN holes
CP30722SX1
DUALSLIM Cat.6 RJ45 Shielded Black plastic frame, Ø3.2 PLAIN holes
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
—
Various hole mounting options.
—
Low rear profile.
Feedthrough Features
—
Fits standard
cutout.
rectangular
General:
—
No soldering or punch termination. Use standard cable for
each connector style.
—
Front or rear mounting through the panel.
Can be front or rear mounted in the panel


Similar Part No. - CP30722S

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30722SM CLIFF-CP30722SM Datasheet
207Kb / 1P
DUALSLIM .6 SHIELDED METAL FRAME FEEDTHROUGH CONNECTOR
CP30722SM3 CLIFF-CP30722SM3 Datasheet
207Kb / 1P
DUALSLIM .6 SHIELDED METAL FRAME FEEDTHROUGH CONNECTOR
CP30722SM440 CLIFF-CP30722SM440 Datasheet
207Kb / 1P
DUALSLIM .6 SHIELDED METAL FRAME FEEDTHROUGH CONNECTOR
CP30722SMB CLIFF-CP30722SMB Datasheet
207Kb / 1P
DUALSLIM .6 SHIELDED METAL FRAME FEEDTHROUGH CONNECTOR
CP30722SMB3 CLIFF-CP30722SMB3 Datasheet
207Kb / 1P
DUALSLIM .6 SHIELDED METAL FRAME FEEDTHROUGH CONNECTOR
More results

Similar Description - CP30722S

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
logo
Bel Fuse Inc.
39200-838 BEL-39200-838 Datasheet
211Kb / 1P
Hard Molded Boot For Cat 6 Shielded Plug
logo
Neutrik AG
NE8FDX-P6-B NEUTRIK-NE8FDX-P6-B Datasheet
95Kb / 2P
D-shape CAT6 panel connector, shielded, feedthrough, black housing
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
Cat 5e / Cat 6 Receiver with HDMI connector
logo
Infinite Electronics In...
TSP8048C5S-10PK L-COM-TSP8048C5S-10PK Datasheet
79Kb / 1P
CAT 6 SHIELDED MODULAR PLUG, RJ45 (8P8C), FOR LARGE OD CONDUCTORS
Rev. B
logo
Electronic Components L...
CP30220 CLIFF-CP30220 Datasheet
181Kb / 1P
CAT5e RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30220S CLIFF-CP30220S Datasheet
185Kb / 1P
CAT5e RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30222 CLIFF-CP30222 Datasheet
184Kb / 1P
CAT.6 RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30222S CLIFF-CP30222S Datasheet
181Kb / 1P
CAT.6 RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30225S CLIFF-CP30225S Datasheet
277Kb / 1P
CAT RJ45 FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com