Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP30723M Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30723M
Description  DUALSLIM CAT3 RJ11 6P4C METAL FRAME FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30723M Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30723M Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Cliff Electronic Components Limited,
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Redhill, Surrey
1 2
U.K.
RH
PF
www.cliffuk.co.uk
üRoHS
©
02/2021
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
DUALSLIM CAT3 RJ11 6P4C METAL FRAME
FEEDTHROUGH CONNECTOR
3. PCB: FR4, UL 94V-0
4. Frame: Diecast, Nickel or Black plated
1. Operating temperature: Min -10°C Max +60°C
gold plating over nickel plate.
Performance:
Phosphor Bronze, 3-50 micro inches
Material:
1. RJ11 In-Line Coupler:
2. RJ11 In-Line Coupler Contact:
PC/ABS, UL 94V-0, Black colour
CP30723MB440 DUALSLIM Cat3 RJ11 6P4C Black metal frame, #4-40 holes
CP30723MB
DUALSLIM Cat3 RJ11 6P4C Black metal frame, CSK holes
VARIANTS
CP30723MX1
DUALSLIM Cat3 RJ11 6P4C Nickel frame, Ø3.2 PLAIN holes
CP30723MBX1
DUALSLIM Cat3 RJ11 6P4C Black metal frame, Ø3.2 PLAIN holes
CP30723M3
DUALSLIM Cat3 RJ11 6P4C Nickel frame, M3 holes
Part No.
CP30723M440
DUALSLIM Cat3 RJ11 6P4C Nickel frame, #4-40 holes
CP30723MB3
DUALSLIM Cat3 RJ11 6P4C Black metal frame, M3 holes
CP30723M
DUALSLIM Cat3 RJ11 6P4C Nickel frame, CSK holes
Feedthrough Features
—
Fits standard
cutout.
rectangular
—
No soldering or punch termination. Use standard cable for each
connector style.
—
Front or rear mounting through the panel.
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
—
Low rear profile.
General:
—
Various hole mounting options.
Can be front or rear mounted in the panel


Similar Part No. - CP30723M

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30723 CLIFF-CP30723 Datasheet
201Kb / 1P
DUALSLIM CAT3 RJ11 6P4C FEEDTHROUGH CONNECTOR
CP30723X CLIFF-CP30723X Datasheet
201Kb / 1P
DUALSLIM CAT3 RJ11 6P4C FEEDTHROUGH CONNECTOR
CP30723X1 CLIFF-CP30723X1 Datasheet
201Kb / 1P
DUALSLIM CAT3 RJ11 6P4C FEEDTHROUGH CONNECTOR
More results

Similar Description - CP30723M

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
metal frame
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
metal frame
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
metal frame
CDM-16008 CUI-CDM-16008 Datasheet
1Mb / 4P
metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
metal frame
logo
Assmann Electronics Inc...
A-2004-0-4-R ASSMANN-A-2004-0-4-R Datasheet
225Kb / 1P
MODULAR JACK, 6P4C
logo
List of Unclassifed Man...
CP30205NM ETC-CP30205NM Datasheet
881Kb / 3P
METAL FEEDTHROUGH CONNECTORS
logo
Wurth Elektronik GmbH &...
615004141121 WURTH-615004141121 Datasheet
461Kb / 2P
RJ11 6P4C HORIZONTAL TAB DOWN
logo
Electronic Components L...
CP30223 CLIFF-CP30223 Datasheet
234Kb / 1P
CAT3 RJ11 6P4C FEEDTHROUGH CONNECTOR
07/2020
CP30224 CLIFF-CP30224 Datasheet
230Kb / 1P
CAT3 RJ12 6P6C FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com