Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HCT74C1R Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HCT74C1R
Description  DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT74C1R Datasheet(HTML) 5 Page - STMicroelectronics

  M74HCT74C1R Datasheet HTML 1Page - STMicroelectronics M74HCT74C1R Datasheet HTML 2Page - STMicroelectronics M74HCT74C1R Datasheet HTML 3Page - STMicroelectronics M74HCT74C1R Datasheet HTML 4Page - STMicroelectronics M74HCT74C1R Datasheet HTML 5Page - STMicroelectronics M74HCT74C1R Datasheet HTML 6Page - STMicroelectronics M74HCT74C1R Datasheet HTML 7Page - STMicroelectronics M74HCT74C1R Datasheet HTML 8Page - STMicroelectronics M74HCT74C1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
4.5
8
151922
ns
tPLH
tPHL
Propagation
Delay Time
(CLOCK - Q)
4.5
21
33
41
50
ns
tPLH
tPHL
Propagation
Delay Time
(CL, PR - Q, Q)
4.5
18
30
38
45
ns
fMAX
Maximum Clock
Frequency
4.5
27
48
22
18
MHz
tW(H)
tW(L)
Minimum Pulse
Width
(CLOCK)
4.5
6
151923
ns
tW(L)
Minimum Pulse
Width
(CL, PR)
4.5
8
151923
ns
ts
Minimum Set-up
Time
4.5
7
151923
ns
th
Minimum Hold
Time
4.5
0
0
0
ns
tREM
Minimum
Removal Time
(CL, PR)
4.5
15
56
58
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
32
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/2 (per FLIP/FLOP)
M54/M74HCT74
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com