Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62T08C Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST62T08C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 20 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T08C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST62T08C_99 Datasheet HTML 57Page - STMicroelectronics ST62T08C_99 Datasheet HTML 58Page - STMicroelectronics ST62T08C_99 Datasheet HTML 59Page - STMicroelectronics ST62T08C_99 Datasheet HTML 60Page - STMicroelectronics ST62T08C_99 Datasheet HTML 61Page - STMicroelectronics ST62T08C_99 Datasheet HTML 62Page - STMicroelectronics ST62T08C_99 Datasheet HTML 63Page - STMicroelectronics ST62T08C_99 Datasheet HTML 64Page - STMicroelectronics ST62T08C_99 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
April 1999
61/70
Rev. 2.7
ST62P08C/P09C
ST62P10C/P20C
8-BIT FASTROM MCUs WITH A/D CONVERTER,
OSCILLATOR SAFEGUARD, SAFE RESET AND 20 PINS
s
3.0 to 6.0V Supply Operating Range
s
8 MHz Maximum Clock Frequency
s
-40 to +125
°C Operating Temperature Range
s
Run, Wait and Stop Modes
s
5 Interrupt Vectors
s
Look-up Table capability in Program Memory
s
Data Storage in Program Memory:
User selectable size
s
Data RAM: 64bytes
s
12 I/O pins, fully programmable as:
– Input with pull-up resistor
– Input without pull-up resistor
– Input with interrupt generation
– Open-drain or push-pull output
– Analog Input (except ST62P08C)
s
4 I/O lines can sink up to 20mA to drive LEDs or
TRIACs directly
s
8-bit Timer/Counter with 7-bit programmable
prescaler
s
Digital Watchdog
s
Oscillator Safe Guard
s
Low Voltage Detector for Safe Reset
s
8-bit A/D Converter with up to 8 analog inputs
s
On-chip Clock oscillator can be driven by Quartz
Crystal Ceramic resonator or RC network
s
Power-on Reset
s
One external Non-Maskable Interrupt
s
ST626x-EMU2 Emulation and Development
System (connects to an MS-DOS PC via a
parallel port)
DEVICE SUMMARY
PDIP20
PSO20
(See end of Datasheet for Ordering Information)
DEVICE
ROM
(Bytes)
I/O Pins
Analog
inpu ts
ST62P08C
1036
12
-
ST62P09C
1036
12
4
ST62P10C
1836
12
8
ST62P20C
3884
12
8
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com