Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCANOM1069 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCANOM1069
Description  477 MHz Omni Antenna 6.5 dBi Gain, 8 mm Spring FME Male Connector, Black Fiberglass Radome
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANOM1069 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCANOM1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANOM1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANOM1069 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCANOM1069 REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
477 MHz Omni Antenna 6.5 dBi Gain, 8 mm Spring FME
Male Connector, Black Fiberglass Radome
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
477 MHz Omni Antenna 6.5 dBi Gain, 8 mm Spring FME Male Connector, Black Fiberglass Radome LCANOM1069
Features
• Heavy Duty 8mm Spring Diameter
• Vertically Polarized
• 6.5 dBi Gain
• FME Male Connector
• 14.75 ft RG58 Cable
• Black Fiberglass Radome
Applications
• Offroad/Overland Vehicles
• Mining/Industrial Heavy Equipment
• Commercial Trucking
• Fleet Management
• Farm Equipment
Description
The L-com LCANOM1069 is a single band antenna that ships on the same day as ordered. Our vertical polarized antenna with 472 to
482 MHz frequency range has a FME male connectors. This antenna with a black radome made of Fiberglass has an overall length of
42.32 in, a width of 2 in, and a weight of 3.52 lbs.
L-com’s LCANOM1069 is a single band antenna operating from 472 to 482 MHz with 6.5 dBi gain. The omni directional antenna has a
maximum input VSWR of 2:1.
L-com has one of the largest in-stock collections of omni directional antennas with our wide selection of superior quality RF parts, that
ship same day. Make your online purchase right now to take advantage of our same-day shipping. For further information on similar
products, our expert technical support and knowledgeable sales team can help you get the ideal single band antenna as per your
requirement.
Configuration
Band Type
Single
Radiation Pattern
Omni Directional
Polarization
Vertical
Connector Type
FME Male
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
472
482
MHz
Input VSWR
2:1
Impedance
50
Ohms
Gain
6.5
dBi
Input Power
100
Watts
.
Mechanical Specifications
LCANOM1069


Similar Part No. - LCANOM1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANOM1060 L-COM-LCANOM1060 Datasheet
419Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 4 dBi Gain, 4 N Type Male Connectors
12/21/2022
LCANOM1061 L-COM-LCANOM1061 Datasheet
400Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 4 dBi Gain, 4 N Type Female Connectors
12/21/2022
LCANOM1062 L-COM-LCANOM1062 Datasheet
416Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 RP SMA Male Connectors
12/09/2022
LCANOM1063 L-COM-LCANOM1063 Datasheet
438Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 N Type Male Connectors
12/21/2022
LCANOM1064 L-COM-LCANOM1064 Datasheet
416Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 N Type Female Connectors
12/21/2022
More results

Similar Description - LCANOM1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
logo
Pulse A Technitrol Comp...
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
Radome Omni Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Pasternack Enterprises,...
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com