Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW032D Datasheet(PDF) 5 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 5 Page - STMicroelectronics

  M58LW032D Datasheet HTML 1Page - STMicroelectronics M58LW032D Datasheet HTML 2Page - STMicroelectronics M58LW032D Datasheet HTML 3Page - STMicroelectronics M58LW032D Datasheet HTML 4Page - STMicroelectronics M58LW032D Datasheet HTML 5Page - STMicroelectronics M58LW032D Datasheet HTML 6Page - STMicroelectronics M58LW032D Datasheet HTML 7Page - STMicroelectronics M58LW032D Datasheet HTML 8Page - STMicroelectronics M58LW032D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5/51
M58LW032D
SUMMARY DESCRIPTION
The M58LW032D is a 32 Mbit (4Mb x 8 or 2Mb
x16) non-volatile memory that can be read, erased
and reprogrammed. These operations can be per-
formed using a single low voltage (2.7V to 3.6V)
core supply.
The memory is divided into 32 blocks of 1Mbit that
can be erased independently so it is possible to
preserve valid data while old data is erased. Pro-
gram and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of
programming or erasing the memory by taking
care of all of the special operations that are re-
quired to update the memory contents. The end of
a Program or Erase operation can be detected and
any error conditions identified in the Status Regis-
ter. The command set required to control the
memory is consistent with JEDEC standards.
The Write Buffer allows the microprocessor to pro-
gram from 1 to 16 Words in parallel, both speeding
up the programming and freeing up the micropro-
cessor to perform other work. A Word Program
command is available to program a single word.
Erase can be suspended in order to perform either
Read or Program in any other block and then re-
sumed. Program can be suspended to Read data
in any other block and then resumed. Each block
can be programmed and erased over 100,000 cy-
cles.
The M58LW032D has several security features to
increase data protection.
s
Block Protection, where each block can be
individually protected against program or erase
operations. All blocks are protected during
power-up. The protection of the blocks is non-
volatile; after power-up the protection status of
each block is restored to the state when power
was last removed.
s
Program Erase Enable input VPEN, program or
erase operations are not possible when the
Program Erase Enable input VPEN is low.
s
128 bit Protection Register, divided into two 64
bit segments: the first contains a unique device
number written by ST, the second is user
programmable.
The
user
programmable
segment can be protected.
The Reset/Power-Down pin is used to apply a
Hardware Reset to the enabled memory and to set
the device in power-down mode.
The device features an Auto Low Power mode. If
the bus becomes inactive during read operations,
the device automatically enters Auto Low Power
mode. In this mode the power consumption is re-
duced to the Auto Low Power supply current.
The STS signal is an open drain output that can be
used to identify the Program/Erase Controller sta-
tus. It can be configured in two modes: Ready/
Busy mode where a static signal indicates the sta-
tus of the P/E.C, and Status mode where a pulsing
signal indicates the end of a Program or Block
Erase operation. In Status mode it can be used as
a system interrupt signal, useful for saving CPU
time.
The memory is available in TSOP56 (14 x 20 mm)
and TBGA64 (10x13mm, 1mm pitch) packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com