Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5025C Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 5025C
Description  5025C Multifunction Calibrator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

5025C Datasheet(HTML) 2 Page - Time Electronics Ltd.

  5025C Datasheet HTML 1Page - Time Electronics Ltd. 5025C Datasheet HTML 2Page - Time Electronics Ltd. 5025C Datasheet HTML 3Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Time Electronics
5025C Multifunction Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Technical Specifications (for full technical data see extended specifications sheet)
Function
Range / Values
Best 1 year Specification
Voltage DC
0 to ± 1050 V
± 15 ppm of setting
Current DC
0 to ± 22 A
1100 A with clamp meter adaptor (option 9780)
± 60 ppm of setting
Voltage AC
1 mV to 1050 V (20 Hz to 100 kHz sine-wave)
± 200 ppm of setting
Current AC
10 μA to 22 A (20 Hz to 5 kHz sine-wave)
100 A with current transformer (option 9790)
1100 A with clamp meter adaptor (option 9780)
± 0.05 % of setting
Thermocouple simulation
–210 to 1820 °C. Type J, K, R, T, S, B, E, N
± 0.05 °C
Digital frequency/period
0.1 Hz to 10 MHz / 100 ns to 10 s
± 20 ppm of setting
Conductance
1 s to 1 ns (decade values)
± 20 ppm of setting
Decade resistance
1 Ω to 1 GΩ (decade values)
± 20 ppm of setting
Simulated resistance
10 Ω to 40 MΩ (variable)
± 0.02 % of setting
Pt100 simulation
–180 °C to 850 °C
± 0.2 °C
Capacitance
1 nF, 10 nF, 20 nF, 50 nF, 100 nF, 200 nF, 500 nF, 1 μF
± 0.25 % of setting
Option 9780: Clamp meter adaptor
AC/DC Current up to 1100 A (DC, 45 to 90 Hz)
± 0.5 %
Option 9770: Oscilloscope Calibration
Amplitude
2 mV to 200 V and 1 mV to 2 V 50 Ω (Square-wave or DC)
± 0.05 %
Frequency/Period
0.1 Hz to 100 MHz / 10 ns to 10 s (fixed values 1, 2, 5 sequence)
± 20 ppm
Duty cycle
3 frequencies: 100 Hz, 1 kHz, 10 kHz, settable from 0 to 100 %
–
Fast-rise
< 400 ps. Bandwidth checking up to 400 MHz
–
Option 9783: Frequency reference
0.1 Hz to 10 MHz enhanced frequency accuracy reference
± 0.1 ppm (enhanced accuracy for timer/counters)
Option 9769: 2.2 GHz Sweep
50 MHz to 2.2 GHz levelled sine-wave (0.5, 1, 1.5 V pk-pk)
Amplitude ± 1 %, Frequency ± 20 ppm
Option 9797: Power Calibration
Power
22 A, 1050 V, 23 kW, 45 to 400 Hz
ACV: 0.03 %, DCV: 0.01 %. ACI: 0.1%, DCI: 0.03 %
Phase / Power factor
± 90° / 0.00 to 1.00 PF
± 0.3°
Option 9701: Enhanced Performance Pack (added values/types shown in bold where applicable)
Full range resistance
1 Ω to 120 MΩ (variable)
± 100 ppm of setting
RTD Simulation
–180 to 850 °C. Type Pt100, Pt200, Pt500, Pt1000
± 0.03 °C
Extended thermocouple simulation
–210 to 2315 °C. Type J, K, R, T, S, B, E, N, C, L, U
± 0.05 °C
Extended capacitance
1nF, 10nF, 20nF, 50nF, 100nF, 200nF, 500nF, 1μF, 10μF, 20μF, 50μF, 100μF
± 0.2 % of setting
Extended AC voltage frequency
1 mV to 200 mV/300 kHz, 200 mV to 2 V/1 MHz
± 0.05 % of setting
Enhanced DC high voltage
20 to 200 V and 100 to 1020 V additional ranges
± 15 ppm
Inductance
1mH, 1.9mH, 5mH, 10mH, 19mH, 50mH, 100mH, 190mH, 500mH, 1H, 10H
± 0.1 % of setting
External Options
External Adaptors/Instruments
9780: Clamp meter adaptor (1 and 50 turn coil) • 9773: Optical tacho adaptor • 9790: 100 Amp AC current transformer
9760: Power amplifier (60 V AC, 90 V DC, 100 mA) • 9762: Rubidium high stability frequency reference
9764: Current probe calibration adaptor • 9766: Low noise attenuator (1000:1) • 9767: Low noise attenuator (100:1)
Accessories and
Calibration Certificates
9085: Soft carry case • 9059: Hard transit case • 9728: 19 " Universal rack mount kit
9796: Premium test lead set • C220: Traceable calibration certificate • C225: Accredited calibration certificate
EasyCal Software
ECFLA: EasyCal full license • 9777: Bar code reader • 9779: Job and address label printer
EC2FL/EC2WL: Additional user licenses • EAD: EasyAdmin add-on • EWC: WebCerts • CREP: Crystal Reports software
General Specifications
Supplied accessories
........................Basic test lead set • PC virtual control software • RS-232 cable • RS-232 to USB adaptor • User manual.
Warm up
............................................30 minutes to full accuracy.
Temperature performance
.................Operating: 5 to 45 °C. Full Spec: 23 °C ± 5 °C. Storage: –10 to 50 °C.
Operating humidity / altitude
.............< 80 % non condensing. Altitude: 0 to 3 km. Non operating: 3 to 12 km.
Line power........................................100 to 230 V AC 50/60 Hz. 200 W maximum.
Interfaces..........................................RS-232, USB and GPIB.
Dimensions / Weight .......................W 455 x H 155 x D 480 mm. Weight: 16.5 kg.
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com