Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLT3-4B Datasheet(PDF) 8 Page - STMicroelectronics

Part # CLT3-4B
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button CLT3-4B Datasheet HTML 4Page - STMicroelectronics CLT3-4B Datasheet HTML 5Page - STMicroelectronics CLT3-4B Datasheet HTML 6Page - STMicroelectronics CLT3-4B Datasheet HTML 7Page - STMicroelectronics CLT3-4B Datasheet HTML 8Page - STMicroelectronics CLT3-4B Datasheet HTML 9Page - STMicroelectronics CLT3-4B Datasheet HTML 10Page - STMicroelectronics CLT3-4B Datasheet HTML 11Page - STMicroelectronics CLT3-4B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application information
CLT3-4B
8/13
The CLT3-4 and the 24 V bus power supply have the same ground COM = GND. The
reverse polarity of the power supply will shutdown the device. And the power supply resistor
RC will limit the default current protecting the power supply pin VC. Its dissipation will be less
than 0.2 W.
Then, the whole module supply voltage rating is extended to from 0 to 30 V to -30 to +30 V.
2.3
EMC considerations
Figure 9 gives a typical application diagram where output capacitors are used to increase
CLT device immunity against fast transient bursts.
Figure 11 gives the printed circuit board layout associated with this schematic.
Refer to AN2527 for EMC considerations.
Figure 9.
Robust application diagram
R
I
24V
SUPPLY
R
I
R
I
R
I
R
C
V
IN
V
I
V
CC
V
C
COM
COM
IN
1
ESD
12
IN
2
OUT
1
OUT
2
OUT
4
OUT
3
COM
34
ESD
34
COM
COM
IN
3
IN
4
COM
12
V
C
ESD
C
COM
COM
1
V
I
1
12
2
1
2
3
12
C
C
1
12
2
1
2
3
12
C
C
2 wires sensor
3 wires sensor
Contact switch
2 wires sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com