Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC802G2-AP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC802G2-AP
Description  Ultra-low power High-performance Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC802G2-AP Datasheet(HTML) 7 Page - Renesas Technology Corp

  UPC802G2-AP Datasheet HTML 1Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 2Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 3Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 4Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 5Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 6Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 7Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 8Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UPC802
R03DS0096EJ0100 Rev.1.00
Page 7 of 8
Mar.14.25
USE WITH PRECAUTIONS
• Set Current (ISET)
This IC is a circuit configuration that supplies current to each internal element by flowing a set current (ISET) (the direction
in which it flows out of the IC). Be sure to apply the set current when using. Also, make sure that the potential of the
ISET pin does not exceed the range of V - ~ V +.
• Power Supply (Dual Power Supply / Single Power Supply)
The op-amp operates as long as a predetermined voltage is applied between V + and V -.
Therefore, it can operate with a single power supply (V - = GND), but it cannot operate the input and output near GND.
Common-mode input voltage Please pay attention to the range and maximum output voltage.
• Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, the parasitic diode within the IC may conduct,
causing characteristics degradation or damage. In addition, if the input pin is lower than V -, or the output pin exceeds
the power supply voltage, it is recommended to make a clamping circuit using a diode with low forward voltage (e.g.:
Schottky diode) as protection.
• Range of common-mode input voltage
When the supply voltage does not meet the condition of electrical characteristics, the range of common-mode input
voltage is as follows.
VICM (TYP.) : V - +0.4 ~ V + -0.7 [V] (TA = 25 °C)
During designing, do include some tolerance by considering temperature characteristics etc.
• Maximum output voltage
The TYP. value range of the maximum output voltage when the supply voltage does not meet the condition of electrical
characteristics is as follows:
Vom+ (TYP.) : V + -1 [V] (TA = 25 °C), Vom - (TYP.) : V - +1 [V] (TA = 25 °C)
During designing, do include some tolerance by considering characteristics variation, temperature characteristics and
so on. In addition, also note that the output voltage range (Vom+ − Vom−) will become narrow when the output current
increases.
• Handling of ICs
When stress is added to ICs due to warpage or bending of a board, the characteristic may fluctuates due to piezoelectric
(piezo) effect. Therefore, pay attention to warpage or bending of a board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com